Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4616 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4616
Description  Dual 8A per Channel Low VIN DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4616 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4616 Datasheet HTML 4Page - Linear Technology LTM4616 Datasheet HTML 5Page - Linear Technology LTM4616 Datasheet HTML 6Page - Linear Technology LTM4616 Datasheet HTML 7Page - Linear Technology LTM4616 Datasheet HTML 8Page - Linear Technology LTM4616 Datasheet HTML 9Page - Linear Technology LTM4616 Datasheet HTML 10Page - Linear Technology LTM4616 Datasheet HTML 11Page - Linear Technology LTM4616 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM4616
8
4616fa
SIMPLIFIED BLOCK DIAGRAM
INTERNAL
FILTER
POWER
CONTROL
INTERNAL
COMP
INTERNAL
FILTER
SVIN1
TRACK1
MGN1
BSEL1
PGOOD1
MODE1
RUN1
CLKIN1
CLKOUT1
PHMODE1
PLLLPF1
SGND1
ITH1
ITHM1
M1
10μF
COUT1
10μF
10μF
10μF
CIN1
VIN1
3V TO 5.5V
VOUT1
1.5V
8A
SW1
PGND1
FB1
10k
RSET1
6.65k
4616 BD
L
M2
+
+
VOUT1
50k
PGND1
INTERNAL
FILTER
POWER
CONTROL
INTERNAL
COMP
INTERNAL
FILTER
SVIN2
TRACK2
MGN2
BSEL2
PGOOD2
MODE2
RUN2
CLKIN2
CLKOUT2
PHMODE2
PLLLPF2
SGND2
PGND1
PGND2
ITH2
ITHM2
M3
10μF
COUT2
10μF
10μF
10μF
CIN2
VIN2
3V TO 5.5V
VOUT2
1.2V
8A
SW2
PGND2
FB2
10k
RSET2
10k
L
M4
+
+
VOUT2
50k
PGND2
Figure 1. Simplified LTM4616 Block Diagram
TOP VIEW OF LGA PINOUT
LOOKING THROUGH COMPONENT
4616 F01
VIN2
VOUT2
12345678
10
911
12
L
K
J
H
G
F
E
D
C
B
M
A
SW1, I/O & CONTROL
VOUT1
GND2
GND1
VIN1
SGND2 & CONTROL
SGND1 & CONTROL
SW2,
I/O & CONTROL


Similar Part No. - LTM4616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4616 LINER-LTM4616 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4616 LINER-LTM4616 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4616 LINEAR_DIMENSIONS-LTM4616 Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4616 LINER-LTM4616 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4616 LINER-LTM4616 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
More results

Similar Description - LTM4616

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTM4616IVPBF LINEAR_DIMENSIONS-LTM4616IVPBF Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM4616 LINER-LTM4616_15 Datasheet
779Kb / 30P
   Dual 8A per Channel Low VIN DC/DC Module Regulator
LTM4614 LINER-LTM4614 Datasheet
352Kb / 20P
   Dual 4A per Channel Low VIN DC/DC 關Module Regulator
LTM4614 LINER-LTM4614_15 Datasheet
377Kb / 20P
   Dual 4A per Channel Low VIN DC/DC Module Regulator
LTM4608A LINER-LTM4608A Datasheet
348Kb / 24P
   Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4608 LINER-LTM4608 Datasheet
306Kb / 24P
   Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Analog Devices
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
   Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com