Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4612V Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4612V
Description  Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4612V Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4612V Datasheet HTML 2Page - Linear Technology LTM4612V Datasheet HTML 3Page - Linear Technology LTM4612V Datasheet HTML 4Page - Linear Technology LTM4612V Datasheet HTML 5Page - Linear Technology LTM4612V Datasheet HTML 6Page - Linear Technology LTM4612V Datasheet HTML 7Page - Linear Technology LTM4612V Datasheet HTML 8Page - Linear Technology LTM4612V Datasheet HTML 9Page - Linear Technology LTM4612V Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM4612
6
4612f
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up with 24VIN to 12VOUT at
IOUT = 5A, TA = –55°C
Short-Circuit with 24VIN to 12VOUT
at IOUT = 0A
Short-Circuit with 24VIN to 12VOUT
at IOUT = 5A
VIN to VOUT Step-Down Ratio
Input Ripple
Output Ripple
500μs/DIV
IIN
1A/DIV
VOUT
5V/DIV
4612 G10
SOFT-START CAPACITOR: 3.9nF
CIN = 3 10μF CERAMIC CAPACITORS AND
1
47μF OSCON CAPACITOR
50μs/DIV
IIN
0.2A/DIV
VOUT
5V/DIV
4612 G11
COUT = 2 22μF CERAMIC CAPACITORS AND
2
47μF CERAMIC CAPACITORS
20μs/DIV
IIN
2A/DIV
VOUT
5V/DIV
4612 G12
COUT = 2 22μF CERAMIC CAPACITORS AND
2
47μF CERAMIC CAPACITORS
3.3
24
30
18
12
610
4
812
14 15
6
0
36
4612 G13
SEE FREQUENCY ADJUSTMENT SECTION
FOR OPERATIONS OUTSIDE THIS REGION
OPERATING REGION
WITH DEFAULT FREQUENCY
VOUT (V)
1μs/DIV
50mV/DIV
4612 G14
VIN = 24V
VOUT = 12V AT 5A RESISTIVE LOAD
CIN = 3 10μF 50V CERAMIC 1 100μF BULK
1μs/DIV
10mV/DIV
4612 G15
VIN = 24V
VOUT = 12V AT 5A RESISTIVE LOAD
COUT = 2 22μF 16V CERAMIC AND
2
47μF 16V CERAMIC


Similar Part No. - LTM4612V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4612 LINER-LTM4612 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4612 LINER-LTM4612 Datasheet
347Kb / 20P
   3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM4612 LINER-LTM4612 Datasheet
2Mb / 38P
   40A 關Module Regulator with Overvoltage/ Overtemperature Protection
LTM4612 LINER-LTM4612 Datasheet
529Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4612 LINER-LTM4612_1 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
More results

Similar Description - LTM4612V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4612 LINER-LTM4612_1 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM8033 LINER-LTM8033 Datasheet
274Kb / 24P
   Ultralow Noise EMC 36VIN, 3A DC/DC 關Module Regulator
LTM8033 LINER-LTM8033_15 Datasheet
382Kb / 26P
   Ultralow Noise EMC 36VIN, 3A DC/DC Module Regulator
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM8028 LINER-LTM8028 Datasheet
553Kb / 24P
   36VIN, UltraFast, Low Output Noise 5A 關Module Regulator
LTM8021 LINER-LTM8021 Datasheet
197Kb / 16P
   36VIN, 500mA Step-Down DC/DC 關Module
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com