Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8020 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8020
Description  200mA, 36V DC/DC 關Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8020 Datasheet(HTML) 4 Page - Linear Technology

  LTM8020 Datasheet HTML 1Page - Linear Technology LTM8020 Datasheet HTML 2Page - Linear Technology LTM8020 Datasheet HTML 3Page - Linear Technology LTM8020 Datasheet HTML 4Page - Linear Technology LTM8020 Datasheet HTML 5Page - Linear Technology LTM8020 Datasheet HTML 6Page - Linear Technology LTM8020 Datasheet HTML 7Page - Linear Technology LTM8020 Datasheet HTML 8Page - Linear Technology LTM8020 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTM8020
4
8020fb
OUTPUT VOLTAGE (V)
1
2
3
4
5
6
2345
4356 G12
7
8
TO START
IOUT = 200mA
TO RUN
INPUT VOLTAGE (V)
0
0
20
40
60
80
10
20
30
40
4356 G10
100
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
OUTPUT CURRENT (A)
0
0.05
0.10
0.15
0.20
4356 G05
1.8VOUT
2.5VOUT
3.3VOUT
OUTPUT CURRENT (A)
0
0
0.010
0.020
0.030
0.040
0.05
0.10
0.15
0.20
4356 G07
0.050
0.060
1.8VOUT
2.5VOUT
3.3VOUT
5VOUT
IOUT (mA)
1000
100
10
1
0.1
0.1
10
100
1000
8020 G04
1
12VIN
24VIN
36VIN
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current
(24VIN)
Input Quiescent Current vs Input
Voltage
Input Current vs Input Voltage
(Output Short)
Minimum Required Input Voltage
vs Load (VOUT = 3.3V)
5VOUT Power Loss
Input Current vs Output Current
(5VIN)
Input Current vs Output Current
(12VIN)
OUTPUT CURRENT (A)
0
0
0.020
0.040
0.060
0.080
0.05
0.10
0.15
0.20
4356 G06
0.100
0.120
1.8VOUT
2.5VOUT
3.3VOUT
5VOUT
OUTPUT CURRENT (A)
0
0
0.010
0.020
0.005
0.015
0.025
0.030
0.040
0.05
0.10
0.15
0.20
4356 G08
0.035
0.045
1.8VOUT
2.5VOUT
3.3VOUT
5VOUT
Input Current vs Output Current
(36VIN)
INPUT VOLTAGE (V)
0
0
1
2
3
4
10
20
30
40
4356 G09
5
Minimum Required Input Voltage
vs Output Voltage
LOAD CURRENT (mA)
0
3.0
3.5
4.0
4.5
5.0
50
100
150
200
4356 G11
5.5
6.0
SHDN CONTROL
TO START
TO RUN
TA = 25°C unless otherwise noted.


Similar Part No. - LTM8020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8020 LINER-LTM8020 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8020 LINER-LTM8020 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8020 LINER-LTM8020 Datasheet
252Kb / 20P
   36VIN, 600mA Step-Down 關Module Converter
LTM8020 LINER-LTM8020 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
LTM8020 LINER-LTM8020 Datasheet
436Kb / 24P
   58V, 2A Step-Down 關Module Regulator
More results

Similar Description - LTM8020

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8020 LINER-LTM8020_15 Datasheet
210Kb / 16P
   200mA, 36V DC/DC Module Regulator
LTM8022 LINER-LTM8022 Datasheet
246Kb / 20P
   1A, 36V DC/DC 關Module
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
   2A, 36V DC/DC 關Module
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
   1A, 36V DC/DC Module
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
   2A, 36V DC/DC Step-Down Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
   EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com