Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6930IMS8-5.00-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6930IMS8-5.00-PBF
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930IMS8-5.00-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6930IMS8-5.00-PBF Datasheet HTML 1Page - Linear Technology LTC6930IMS8-5.00-PBF Datasheet HTML 2Page - Linear Technology LTC6930IMS8-5.00-PBF Datasheet HTML 3Page - Linear Technology LTC6930IMS8-5.00-PBF Datasheet HTML 4Page - Linear Technology LTC6930IMS8-5.00-PBF Datasheet HTML 5Page - Linear Technology LTC6930IMS8-5.00-PBF Datasheet HTML 6Page - Linear Technology LTC6930IMS8-5.00-PBF Datasheet HTML 7Page - Linear Technology LTC6930IMS8-5.00-PBF Datasheet HTML 8Page - Linear Technology LTC6930IMS8-5.00-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC6930-X.XX
1
6930fa
–0.10
0.10
6930 TA01b
–0.05
0.05
0
FREQUENCY ERROR (%)
70
60
40
20
50
30
10
0
TA = 25°C
V+ = 3V
DIV = 0
1045 UNITS
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
32.768kHz to 8.192MHz
Precision µPower Oscillators
The LTC®6930 series is a family of very low power precision
silicon oscillators with a frequency error less than 0.09%.
For each oscillator, the user can select one of 8 frequen-
cies between 32.768kHz and 8.192MHz. Based on a fixed
master oscillator frequency, internal frequency dividers
between 1 and 128 provide the 8 different frequencies.
The LTC6930 requires no external components other than
power supply bypass capacitors. Requiring only a single
1.7V to 5.5V supply enables operation from a single Li-Ion
cell or 2 AA alkaline cells.
The LTC6930 features a proprietary control architecture
that allows for ultra-low power operation while maintain-
ing industry leading accuracy and jitter specifications. The
exceptionally fast start-up time, combined with the low
power consumption, is ideal for battery operated applica-
tions with frequent power-up cycles.
Any frequency from 32.768kHz to 8.192MHz can be pro-
vided by the factory. Minimum order sizes apply for custom
frequencies. Please consult LTC Marketing for details.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents including
6342817, 6614313.
4MHz Micropower Clock Generator
n Frequency Error <0.09% Max at 25°C
n Startup Time <110μs at All Frequencies
n 1.7V to 5.5V Single Supply Operation
n 105μA Typical Supply Current at 32kHz, V+ = 3V
n 490μA Typical Supply Current at 8MHz, V+ = 3V
n Typical RMS Period Jitter <0.15% at V+ = 3V
n No External Components to Set Frequency
n 5 Options Cover 32.768kHz to 8.192MHz:
LTC6930-4.19: 4.194304MHz ÷ N
LTC6930-5.00: 5.000000MHz ÷ N
LTC6930-7.37: 7.373800MHz ÷ N
LTC6930-8.00: 8.000000MHz ÷ N
LTC6930-8.19: 8.192000MHz ÷ N
Where N = 1, 2, 4, 8, 16, 32, 64, 128
(N Determined by State of DIVA, DIVB, DIVC Pins)
n –40°C to 125°C Operating Temperature Range
n Tiny 2mm
× 3mm DFN or MS8 Package
n Digitally Controlled Oscillator
n Microprocessor Clock
n Power Supply Clock
n Portable and Battery Operated Devices
Typical Frequency Error Distribution
4MHz
0.1μF
6930 TA01a
V+ = 1.7V TO 5.5V
IS = 325μA AT 3VDC
V+
GND
GND
OUT
DIVB
DIVA
DIVC
V+
LTC6930-8.00


Similar Part No. - LTC6930IMS8-5.00-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6930 AD-LTC6930 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6930 AD-LTC6930 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
More results

Similar Description - LTC6930IMS8-5.00-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
logo
Yuechung International ...
TX324TK YIC-TX324TK Datasheet
257Kb / 1P
   TX324TK Series : Temperature Compensation Crystal Oscillators - 32.768KHz 3.2x2.5mm
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
logo
List of Unclassifed Man...
LQV-3M2768-3CGR ETC1-LQV-3M2768-3CGR Datasheet
739Kb / 3P
   PRECISION CRYSTAL CLOCK OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Connor-Winfield Corpora...
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com