Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8020V Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8020V
Description  200mA, 36V DC/DC 關Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8020V Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8020V Datasheet HTML 6Page - Linear Technology LTM8020V Datasheet HTML 7Page - Linear Technology LTM8020V Datasheet HTML 8Page - Linear Technology LTM8020V Datasheet HTML 9Page - Linear Technology LTM8020V Datasheet HTML 10Page - Linear Technology LTM8020V Datasheet HTML 11Page - Linear Technology LTM8020V Datasheet HTML 12Page - Linear Technology LTM8020V Datasheet HTML 13Page - Linear Technology LTM8020V Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTM8020
10
8020fb
High Temperature Considerations
The die temperature of the LTM8020 must be lower than
the maximum rating of 125°C, so care should be taken
in the layout of the circuit to ensure good heat sinking of
the LTM8020. To estimate the junction temperature, ap-
proximate the power dissipation within the LTM8020 by
applying the typical efficiency stated in this datasheet to
the desired output power, or, if you have an actual module,
by taking a power measurement. Then calculate the inter-
nal temperature rise of the LTM8020 above the surface
of the printed circuit board by multiplying the module’s
power dissipation by the thermal resistance. The actual
thermal resistance of the LTM8020 to the printed circuit
board depends upon the layout of the circuit board, but the
thermal resistance given on page 2, which is based upon a
25cm2 4-layer FR4 PC board, and the Typical Performance
Characteristics can be used a guide.
Finally, be aware that at high ambient temperatures the
internal Schottky diode will have significant leakage current
increasing the quiescent current of the LTM8020.
BIAS Pin Considerations
The BIAS pin is used to provide drive power for the internal
power switching stage and operate internal circuitry. For
proper operation, it must be powered by at least 3V. If the
output voltage is programmed to be 3V or higher, simply
tie BIAS to VOUT. If VOUT is less than 3V, BIAS can be tied
to VIN or some other voltage source. In all cases, ensure
that the maximum voltage at the BIAS pin is both less than
25V and the sum of VIN and BIAS is less than 47V. If BIAS
power is applied from a remote or noisy voltage source, it
may be necessary to apply a decoupling capacitor locally
to the LTM8020.
APPLICATIONS INFORMATION
Figure 4. A Well Chosen Input Network Prevents Input Voltage Overshoot and Ensures
Reliable Operation When the LTM8020 is Connected to a Live Supply
+
LTM8020
2.2μF
VIN
10V/DIV
IIN
10A/DIV
VIN
10V/DIV
IIN
10A/DIV
VIN
10V/DIV
IIN
10A/DIV
10μs/DIV
10μs/DIV
10μs/DIV
VIN
CLOSING SWITCH
SIMULATES HOT PLUG
IIN
(4a)
(4b)
(4c)
LOW
IMPEDANCE
ENERGIZED
24V SUPPLY
STRAY
INDUCTANCE
DUE TO 6 FEET
(2 METERS) OF
TWISTED PAIR
+
LTM8020
2.2μF
10μF
35V
AI.EI.
LTM8020
2.2μF
0.1μF
8020 F04


Similar Part No. - LTM8020V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8020 LINER-LTM8020 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8020 LINER-LTM8020 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8020 LINER-LTM8020 Datasheet
252Kb / 20P
   36VIN, 600mA Step-Down 關Module Converter
LTM8020 LINER-LTM8020 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
LTM8020 LINER-LTM8020 Datasheet
436Kb / 24P
   58V, 2A Step-Down 關Module Regulator
More results

Similar Description - LTM8020V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8020 LINER-LTM8020_15 Datasheet
210Kb / 16P
   200mA, 36V DC/DC Module Regulator
LTM8022 LINER-LTM8022 Datasheet
246Kb / 20P
   1A, 36V DC/DC 關Module
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
   2A, 36V DC/DC 關Module
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
   1A, 36V DC/DC Module
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
   2A, 36V DC/DC Step-Down Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
   EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com