Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3705 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO3705
Description  P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO3705 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO3705 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO3705 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO3705 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO3705 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO3705 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO3705
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-0.5
-0.65
-1
V
ID(ON)
-25
A
56
70
TJ=125°C
80
100
70
90
m
85
110
m
100
130
m
gFS
15
S
VSD
-0.7
-1
V
IS
-1.2
A
Ciss
560
745
pF
Coss
80
pF
Crss
70
pF
Rg
15
23
Qg
8.5
11
nC
Qgs
1.2
nC
Qgd
2.1
nC
tD(on)
7.2
ns
tr
36
ns
tD(off)
53
ns
tf
56
ns
trr
37
49
ns
Qrr
27
nC
VF
0.4
0.45
V
0.1
20
CT
44
pF
trr
11
14
ns
Qrr
2.5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
SCHOTTKY PARAMETERS
Schottky Reverse Recovery Charge
IF=1A, dI/dt=100A/µs
Forward Voltage Drop
IF=1A
Junction Capacitance
VR=10V
Schottky Reverse Recovery Time
IF=1A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
ID=-250µA, VGS=0V
Maximum reverse leakage current
VR=16V
Forward Transconductance
VDS=-5V, ID=-3.2A
Diode Forward Voltage
IS=-1A,VGS=0V
Gate Drain Charge
Maximum Body-Diode Continuous Current
IDSS
mA
VR=16V, TJ=125°C
Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Gate Threshold Voltage
VDS=VGS ID=-250µA
Irm
µA
Gate-Body leakage current
VDS=0V, VGS=±8V
Zero Gate Voltage Drain Current
VDS=-20V, VGS=0V
RDS(ON)
Static Drain-Source On-Resistance
VGS=-4.5V, ID=-3.2A
m
VGS=-2.5V, ID=-2.8A
VGS=-1.5V, ID=-0.5A
VGS=-1.8V, ID=-2A
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS=-10V, f=1MHz
Output Capacitance
Reverse Transfer Capacitance
Body Diode Reverse Recovery Charge IF=-3.2A, dI/dt=100A/µs
Turn-On DelayTime
VGS=-4.5V, VDS=-10V, RL=3Ω,
RGEN=6Ω
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
VGS=-4.5V, VDS=-5V
On state drain current
Body Diode Reverse Recovery Time
IF=-3.2A, dI/dt=100A/µs
Gate resistance
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=-4.5V, VDS=-10V, ID=-3.2A
Gate Source Charge
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev1: May 2008
Alpha Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO3705

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3700 AOSMD-AO3700 Datasheet
125Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3701 AOSMD-AO3701 Datasheet
131Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3702 AOSMD-AO3702 Datasheet
135Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AO3702L AOSMD-AO3702L Datasheet
135Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AO3703 AOSMD-AO3703 Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results

Similar Description - AO3705

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
List of Unclassifed Man...
AO8701 ETC-AO8701 Datasheet
125Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4701 AOSMD-AO4701 Datasheet
307Kb / 8P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4709 AOSMD-AO4709 Datasheet
198Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3703 AOSMD-AO3703 Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4701 AOSMD-AON4701 Datasheet
175Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4703 AOSMD-AON4703 Datasheet
165Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com