Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6930HMS8-8.19-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6930HMS8-8.19-TRPBF
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930HMS8-8.19-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC6930HMS8-8.19-TRPBF Datasheet HTML 1Page - Linear Technology LTC6930HMS8-8.19-TRPBF Datasheet HTML 2Page - Linear Technology LTC6930HMS8-8.19-TRPBF Datasheet HTML 3Page - Linear Technology LTC6930HMS8-8.19-TRPBF Datasheet HTML 4Page - Linear Technology LTC6930HMS8-8.19-TRPBF Datasheet HTML 5Page - Linear Technology LTC6930HMS8-8.19-TRPBF Datasheet HTML 6Page - Linear Technology LTC6930HMS8-8.19-TRPBF Datasheet HTML 7Page - Linear Technology LTC6930HMS8-8.19-TRPBF Datasheet HTML 8Page - Linear Technology LTC6930HMS8-8.19-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC6930-X.XX
4
6930fa
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, specifications apply over the full range of
operating supply voltage and frequency output: V+ = 1.7V to 5.5V and all DIV settings with CLOAD = 5pF, RLOAD = ∞.
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Supply Voltage Applied Between
V+ and GND
l
1.7
5.5
V
IS,DC
V+ Combined Supply Current
LTC6930-4.19
DIVA = DIVB = DIVC = 0, V+ = 1.7V
DIVA = DIVB = DIVC = 0, V+ = 3V
DIVA = DIVB = DIVC = 0, V+ = 5.5V
DIVA = DIVB = DIVC = 1, V+ = 1.7V
DIVA = DIVB = DIVC = 1, V+ = 3V
DIVA = DIVB = DIVC = 1, V+ = 5.5V
l
l
l
l
l
l
170
260
490
80
105
130
290
420
750
160
190
355
μA
μA
μA
μA
μA
μA
LTC6930-5.00
DIVA = DIVB = DIVC = 0, V+ = 1.7V
DIVA = DIVB = DIVC = 0, V+ = 3V
DIVA = DIVB = DIVC = 0, V+ = 5.5V
DIVA = DIVB = DIVC = 1, V+ = 1.7V
DIVA = DIVB = DIVC = 1, V+ = 3V
DIVA = DIVB = DIVC = 1, V+ = 5.5V
l
l
l
l
l
l
201
307
579
95
124
154
430
570
960
176
212
375
μA
μA
μA
μA
μA
μA
IS,DC
V+ Combined Supply Current
LTC6930-7.37
DIVA = DIVB = DIVC = 0, V+ = 1.7V
DIVA = DIVB = DIVC = 0, V+ = 3V
DIVA = DIVB = DIVC = 0, V+ = 5.5V
DIVA = DIVB = DIVC = 1, V+ = 1.7V
DIVA = DIVB = DIVC = 1, V+ = 3V
DIVA = DIVB = DIVC = 1, V+ = 5.5V
l
l
l
l
l
l
296
453
853
139
183
226
480
660
1310
220
273
440
μA
μA
μA
μA
μA
μA
LTC6930-8.00
DIVA = DIVB = DIVC = 0, V+ = 1.7V
DIVA = DIVB = DIVC = 0, V+ = 3V
DIVA = DIVB = DIVC = 0, V+ = 5.5V
DIVA = DIVB = DIVC = 1, V+ = 1.7V
DIVA = DIVB = DIVC = 1, V+ = 3V
DIVA = DIVB = DIVC = 1, V+ = 5.5V
l
l
l
l
l
l
321
491
926
151
198
246
520
740
1380
240
295
475
μA
μA
μA
μA
μA
μA
LTC6930-8.19
DIVA = DIVB = DIVC = 0, V+ = 1.7V
DIVA = DIVB = DIVC = 0, V+ = 3V
DIVA = DIVB = DIVC = 0, V+ = 5.5V
DIVA = DIVB = DIVC = 1, V+ = 1.7V
DIVA = DIVB = DIVC = 1, V+ = 3V
DIVA = DIVB = DIVC = 1, V+ = 5.5V
l
l
l
l
l
l
310
500
880
150
190
210
490
760
1400
270
325
540
μA
μA
μA
μA
μA
μA
VIH
Minimum High Level Input Voltage,
All Digital Input Pins
l
1.25
1.4
V
AC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, specifications apply over the full range of
operating supply voltage and frequency output: V+ = 1.7V to 5.5V and all DIV settings with CLOAD = 5pF, RLOAD = ∞.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RMS Period Jitter
DIVA = DIVB = DIVC = 0, V+ = 3V
LTC6930-4.19 (4.194304MHz)
LTC6930-5.00 (5.000000MHz)
LTC6930-7.37 (7.372800MHz)
LTC6930-8.00 (8.000000MHz)
LTC6930-8.19 (8.192000MHz)
320
1.7
225
1.2
180
0.97
130
0.8
130
0.8
ps RMS
nsP-P
ps RMS
nsP-P
ps RMS
nsP-P
ps RMS
nsP-P
ps RMS
nsP-P


Similar Part No. - LTC6930HMS8-8.19-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6930 AD-LTC6930 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6930 AD-LTC6930 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
More results

Similar Description - LTC6930HMS8-8.19-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
logo
Yuechung International ...
TX324TK YIC-TX324TK Datasheet
257Kb / 1P
   TX324TK Series : Temperature Compensation Crystal Oscillators - 32.768KHz 3.2x2.5mm
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
logo
List of Unclassifed Man...
LQV-3M2768-3CGR ETC1-LQV-3M2768-3CGR Datasheet
739Kb / 3P
   PRECISION CRYSTAL CLOCK OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Connor-Winfield Corpora...
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com