Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1957-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1957-1
Description  Single/Dual Band RF Power Controllers with 40dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1957-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC1957-1 Datasheet HTML 1Page - Linear Technology LTC1957-1 Datasheet HTML 2Page - Linear Technology LTC1957-1 Datasheet HTML 3Page - Linear Technology LTC1957-1 Datasheet HTML 4Page - Linear Technology LTC1957-1 Datasheet HTML 5Page - Linear Technology LTC1957-1 Datasheet HTML 6Page - Linear Technology LTC1957-1 Datasheet HTML 7Page - Linear Technology LTC1957-1 Datasheet HTML 8Page - Linear Technology LTC1957-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1957-1/LTC1957-2
Single/Dual Band RF Power
Controllers with 40dB Dynamic Range
The LTC
®1957-2 is a dual band RF power controller for
power amplifiers operating in the 850MHz to 2GHz range.
The input voltage range is optimized for operation from
a single lithium-ion cell or 3
× NiMH. Several functions
required for RF power control and protection are inte-
grated in one small 10-pin MSOP package, thereby
minimizing PCB area.
The LTC1957-1 is a single output RF power controller
that is identical in performance to the LTC1957-2 except
that one output (VPCA) is provided. The LTC1957-1 can
be used to drive a single RF or dual channel module with
integral multiplexer. This part is available in an 8-pin
MSOP package.
RF power is controlled by driving the RF amplifier power
control pins and sensing the resultant RF output power
via a directional coupler. The RF sense voltage is peak
detected using an on-chip Schottky diode. This detected
voltage is compared to the DAC voltage at the PCTL pin
to control the output power. The RF power amplifier is
protected against high supply current and high power
control pin voltages.
Internal and external offsets are cancelled over tempera-
ture by an autozero control loop, allowing accurate low
power programming. The shutdown feature disables the
part and reduces the supply current to < 1
µA.
s
Dual Band RF Power Amplifier Control (LTC1957-2)
s
Internal Schottky Diode Detector with Improved
Dynamic Range vs the LTC1757A
s
Wide Input Frequency Range: 850MHz to 2GHz
s
Autozero Loop Cancels Offset Errors and
Temperature Dependent Offsets
s
Wide VIN Range: 2.7V to 6V
s
Allows Direct Connection to Battery
s
RF Output Power Set by External DAC
s
Fast Acquire After Transmit Enable
s
Internal Frequency Compensation
s
Rail-to-Rail Power Control Outputs
s
Power Control Signal Overvoltage Protection
s
Low Operating Current: 1mA
s
Very Low Shutdown Current: < 1
µA
s
Available in a 8-Pin MSOP Package (LTC1957-1)
and 10-Pin MSOP (LTC1957-2)
s
Pin Compatible with the LTC1757A-X
s
Improved Start Voltage Accuracy and Range
s
Improved PCTL Input Filtering
, LTC and LT are registered trademarks of Linear Technology Corporation.
VIN
RF
SHDN
BSEL
GND
10
9
8
7
6
1
2
3
4
5
VCC
VPCA
VPCB
TXEN
PCTL
LTC1957-2
33pF
68
VIN
Li-Ion
SHDN
BSEL
TXEN
900MHz
DAC
RF PA
DIRECTIONAL
COUPLER
DIPLEXER
1.8GHz /1.9GHz
RF PA
50
1957 TA01
LTC1957-2 Dual Band Cellular Telephone Transmitter
s
Single and Dual Band GSM/GPRS Cellular Telephones
s
PCS Devices
s
Wireless Data Modems
s
U.S. TDMA Cellular Phones
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1957-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1957-1 LINER-LTC1957-1 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-1 LINER-LTC1957-1_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
More results

Similar Description - LTC1957-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1957-1 LINER-LTC1957-1_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-2 LINER-LTC1957-2_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-2 LINER-LTC1758-2_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LTC1757A-1 LINER-LTC1757A-1 Datasheet
170Kb / 12P
   Single/Dual Band RF Power Controllers
LTC1757A-1 LINER-LTC1757A-1_1 Datasheet
205Kb / 16P
   Single/Dual Band RF Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com