Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1957-1EMS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1957-1EMS8
Description  Single/Dual Band RF Power Controllers with 40dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1957-1EMS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1957-1EMS8 Datasheet HTML 1Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 2Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 3Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 4Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 5Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 6Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 7Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 8Page - Linear Technology LTC1957-1EMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1957-1/LTC1957-2
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Input Threshold
VIN = 2.7V to 6V, TXEN = LO
q
0.35
1.4
V
TXEN, BSEL Input Threshold
VIN = 2.7V to 6V
q
0.35
1.4
V
SHDN, TXEN, BSEL Input Current
SHDN, TXEN or BSEL = 3.6V
q
10
25
50
µA
PCTL Input Voltage Control Range
VIN = 3V to 6V, RLOAD = 400Ω
q
02
V
PCTL Input Voltage Range
VIN = 3V, RLOAD = 400Ω (Note 7)
q
2.4
V
PCTL Input Resistance
SHDN = LO, TXEN = LO
q
50
90
140
k
PCTL Input Filter
350
kHz
Autozero Range
VIN = 2.7V, RLOAD = 400Ω (Note 4)
q
400
mV
Autozero Settling Time (tS)tS, Shutdown to Enable (Autozero), VIN = 2.7V (Note 10)
q
50
µs
RF Input Frequency Range
(Note 6)
q
850
2000
MHz
RF Input Power Range
900MHz (Note 6)
– 26
16
dBm
1800MHz (Note 6)
–24
16
dBm
RF Input Impedance
Referenced to VIN, SHDN = LO, TXEN = LO
q
100
200
350
BSEL Timing
t1, Setup Time Prior to TXEN Asserted High
200
ns
t2, Hold Time After TXEN is Asserted Low
200
ns
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, SHDN = TXEN = VIN, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1957-1 and LTC1957-2 are guaranteed to meet
performance specifications from 0
°C to 70°C. Specifications over the
–30
°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: Slew rate is measured open loop. The slew time at VPCA or VPCB is
measured between 1V and 2V.
Note 4: Maximum DAC zero-scale offset voltage that can be applied to
PCTL.
Note 5: This is the time from TXEN rising edge 50% switch point to
VPCA/B = 1V.
Note 6: Guaranteed by design. This parameter is not production tested.
Note 7: Includes maximum DAC offset voltage and maximum control
voltage.
Note 8: Bandwidth is calculated using the 10% to 90% rise time:
BW = 0.35/rise time
Note 9: Measured 1
µs after TXEN = HI.
Note 10: 50% switch point, SHDN HI = VIN, TXEN HI = VIN.


Similar Part No. - LTC1957-1EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1957-1 LINER-LTC1957-1 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-1 LINER-LTC1957-1_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
More results

Similar Description - LTC1957-1EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1957-1 LINER-LTC1957-1_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-2 LINER-LTC1957-2_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-2 LINER-LTC1758-2_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LTC1757A-1 LINER-LTC1757A-1 Datasheet
170Kb / 12P
   Single/Dual Band RF Power Controllers
LTC1757A-1 LINER-LTC1757A-1_1 Datasheet
205Kb / 16P
   Single/Dual Band RF Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com