Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1960 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1960
Description  Dual Battery Charger/Selector with SPI Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1960 Datasheet(HTML) 1 Page - Linear Technology

  LTC1960 Datasheet HTML 1Page - Linear Technology LTC1960 Datasheet HTML 2Page - Linear Technology LTC1960 Datasheet HTML 3Page - Linear Technology LTC1960 Datasheet HTML 4Page - Linear Technology LTC1960 Datasheet HTML 5Page - Linear Technology LTC1960 Datasheet HTML 6Page - Linear Technology LTC1960 Datasheet HTML 7Page - Linear Technology LTC1960 Datasheet HTML 8Page - Linear Technology LTC1960 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC1960
1
1960fa
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®1960 is a highly-integrated battery charger and
selector intended for portable products using dual smart
batteries. A serial SPI interface allows an external
microcontroller to control and monitor status of both
batteries.
A proprietary PowerPath architecture supports simulta-
neous charging or discharging of both batteries. Typical
battery run times are extended by 10%, while charging
times are reduced by up to 50%. The LTC1960 automati-
cally switches between power sources in less than 10
µs to
prevent power interruption upon battery or wall adapter
removal.
The synchronous buck battery charger delivers 95%
efficiency with only 0.5V dropout voltage, and prevents
audible noise in all operating modes. Patented* input
current limiting with 5% accuracy charges batteries in the
shortest possible time without overloading the wall adapter.
The LTC1960’s 5mm
× 7mm 38-pin QFN and 36-pin
narrow SSOP packages allow implementation of a com-
plete SBS-compliant dual battery system while consum-
ing minimum PCB area.
Complete Dual-Battery Charger/Selector System
Serial SPI Interface Allows External
µC Control and
Monitoring
Simultaneous Dual-Battery Discharge Extends Run
Time by Typically 10%
Simultaneous Dual-Battery Charging Reduces
Charging Time by Up to 50%
Automatic PowerPath
TM Switching in <10
µs
Prevents Power Interruption
Circuit Breaker Protects Against Overcurrent Faults
5% Accurate Adapter Current Limit Maximizes
Charging Rate*
95% Efficient Synchronous Buck Charger
Charger Has Low 0.5V Dropout Voltage
No Audible Noise Generation, Even with Ceramic
Capacitors
11-Bit VDAC Delivers 0.8% Voltage Accuracy
10-Bit IDAC Delivers 5% Current Accuracy
VIN Up to 32V; VBATT Up to 28V
Available in 5mm
× 7mm 38-Pin QFN and 36-Pin
Narrow SSOP Packages
Dual Battery Charger/
Selector with SPI Interface
LTC1960 Dual Battery/Selector System Architecture
Portable Computers
Portable Instruments
LTC1960
MICROCONTROLLER
DC
IN
4
SYSTEM POWER
SMBus
1960 TA01
BAT2
BAT1
SPI
Dual vs Sequential Charging
TIME (MINUTES)
3500
3000
2500
2000
1500
1000
500
0
3500
3000
2500
2000
1500
1000
500
0
1960 G10
0
50
100
150
200
250
300
BAT1
CURRENT
BAT2
CURRENT
SEQUENTIAL
DUAL
BAT1
CURRENT
100
MINUTES
BATTERY TYPE: 10.8V Li-Ion (MOLTECH NI2020)
REQUESTED CURRENT = 3A
REQUESTED VOLTAGE = 12.3V
MAX CHARGER CURRENT = 4.1A
BAT2
CURRENT
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
PowerPath is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. Patents, including 5481178, 5723970, 6304066, 6580258.


Similar Part No. - LTC1960

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1960 LINER-LTC1960 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC1960 LINER-LTC1960 Datasheet
315Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
LTC1960 LINER-LTC1960 Datasheet
319Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
LTC1960CG LINER-LTC1960CG Datasheet
319Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
LTC1960CG-PBF LINER-LTC1960CG-PBF Datasheet
319Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
More results

Similar Description - LTC1960

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1960 LINER-LTC1960_15 Datasheet
319Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
LTC1960 LINER-LTC1960_11 Datasheet
315Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
LTC1960CG LINER-LTC1960CG Datasheet
319Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
LTC1960CGPBF LINER-LTC1960CGPBF Datasheet
319Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909 Datasheet
439Kb / 30P
   Multichemistry Battery Charger with Automatic System Power Selector
Rev 2; 9/04
MAX8934G MAXIM-MAX8934G Datasheet
2Mb / 29P
   Dual-Input Linear Charger, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 0; 6/10
logo
Linear Technology
LTC4050 LINER-LTC4050 Datasheet
191Kb / 12P
   Lithium-Ion Linear Battery Charger with Thermistor Interface
logo
Renesas Technology Corp
ISL88750 RENESAS-ISL88750 Datasheet
187Kb / 2P
   Narrow VDC (NVDC) Battery Charger with SMBus Interface
logo
Linear Technology
LTC4050 LINER-LTC4050_15 Datasheet
192Kb / 12P
   Lithium-Ion Linear Battery Charger with Thermistor Interface
logo
Intersil Corporation
ISL88738 INTERSIL-ISL88738 Datasheet
112Kb / 2P
   Buck-Boost NVDC Battery Charger with SMBus Interface
November 14, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com