Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON2701 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON2701
Description  P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON2701 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON2701 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON2701 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON2701 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON2701 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON2701 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON2701 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
Units
VDS
V
VGS
V
TA=25°C
TA=70°C
IDM
VKA
V
TA=25°C
TA=70°C
IFM
TA=25°C
TA=70°C
TJ, TSTG
°C
Symbol
Units
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
MOSFET
Schottky
Drain-Source Voltage
-20
Gate-Source Voltage
±8
A
-2.3
Pulsed Drain Current
B
-15
Continuous Drain Current
A
ID
-3
Schottky reverse voltage
20
Continuous Forward Current
A
IF
2.5
A
1.5
Pulsed Forward Current
B
15
W
0.95
0.92
Junction and Storage Temperature Range
-55 to 150
-55 to 150
Power Dissipation
PD
1.5
1.45
85
Parameter: Thermal Characteristics MOSFET
Typ
Max
36
°C/W
Maximum Junction-to-Ambient
A
Steady-State
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
35
65
45
67
Thermal Characteristics Schottky
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
47
87
AON2701
P-Channel Enhancement Mode Field Effect Transistor
with Schottky Diode
Features
VDS (V) = -20V
ID = -3A
(VGS = -4.5V)
RDS(ON) < 120mΩ (VGS = -4.5V)
RDS(ON) < 160mΩ (VGS = -2.5V)
RDS(ON) < 200mΩ (VGS = -1.8V)
SCHOTTKY
VKA (V) = 20V, IF = 2A, VF<0.45V@1A
General Description
The AON2701/L uses advanced trench technology to
provide excellent RDS(ON) and low gate charge. A
Schottky diode is provided to facilitate the
implementation of a bidirectional blocking switch, or
for DC-DC conversion applications.
AON2701 and AON2701L are electrically identical.
-RoHS Compliant
-Halogen Free*
K
A
D
S
G
DFN 2x2 Package
Top
Bottom
A
NC
D
S
K
G
K
D
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AON2701

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AON2707 AOSMD-AON2707 Datasheet
307Kb / 6P
   30V P-Channel MOSFET
More results

Similar Description - AON2701

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
List of Unclassifed Man...
AO8701 ETC-AO8701 Datasheet
125Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4701 AOSMD-AO4701 Datasheet
307Kb / 8P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4709 AOSMD-AO4709 Datasheet
198Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3703 AOSMD-AO3703 Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4701 AOSMD-AON4701 Datasheet
175Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4703 AOSMD-AON4703 Datasheet
165Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com