Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1992 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 2 Page - Linear Technology

  LTC1992 Datasheet HTML 1Page - Linear Technology LTC1992 Datasheet HTML 2Page - Linear Technology LTC1992 Datasheet HTML 3Page - Linear Technology LTC1992 Datasheet HTML 4Page - Linear Technology LTC1992 Datasheet HTML 5Page - Linear Technology LTC1992 Datasheet HTML 6Page - Linear Technology LTC1992 Datasheet HTML 7Page - Linear Technology LTC1992 Datasheet HTML 8Page - Linear Technology LTC1992 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC1992 Family
2
1992f
Total Supply Voltage (+VS to –VS) .......................... 12V
Maximum Voltage
on any Pin .......... (–VS – 0.3V) ≤ VPIN ≤ (+VS + 0.3V)
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 5)
LTC1992CMS8/LTC1992-XCMS8/
LTC1992IMS8/LTC1992-XIMS8 ..........–40°C to 85°C
LTC1992HMS8/LTC1992-XHMS8 .....–40°C to 125°C
LTC1992CMS8
LTC1992IMS8
LTC1992HMS8
(Note 1)
LTYU
LTZC
LTAGR
ABSOLUTE
AXI U
RATI GS
Specified Temperature Range (Note 6)
LTC1992CMS8/LTC1992-XCMS8/
LTC1992IMS8/LTC1992-XIMS8 ..........–40°C to 85°C
LTC1992HMS8/LTC1992-XHMS8 .....–40°C to 125°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1992-1CMS8
LTC1992-1IMS8
LTC1992-1HMS8
LTC1992-2CMS8
LTC1992-2IMS8
LTC1992-2HMS8
LTC1992-5CMS8
LTC1992-5IMS8
LTC1992-5HMS8
LTC1992-10CMS8
LTC1992-10IMS8
LTC1992-10HMS8
MS8 PART
MARKING
LTACJ
LTACM
LTAFZ
LTYV
LTZD
LTAGA
LTACK
LTACN
LTAJH
LTACL
LTACP
LTAJJ
1
2
3
4
–IN
VOCM
+VS
+OUT
8
7
6
5
+IN
VMID
–VS
–OUT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+
+
TJMAX = 150°C, θJA = 250°C/W
ORDER PART
NUMBER
MS8 PART
MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 150°C, θJA = 250°C/W
1
2
3
4
–IN
VOCM
+VS
+OUT
8
7
6
5
+IN
VMID
–VS
–OUT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+
+


Similar Part No. - LTC1992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1992 LINER-LTC1992 Datasheet
143Kb / 8P
   2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1992 LINER-LTC1992 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC1992 LINER-LTC1992 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC1992 LINER-LTC1992 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC1992 LINER-LTC1992 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results

Similar Description - LTC1992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1992 LINER-LTC1992_15 Datasheet
501Kb / 42P
   Low Power, Fully Differential Input/Output Amplifier/Driver Family
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Linear Technology
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
logo
STMicroelectronics
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
   Fully differential input/output
logo
Linear Technology
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
logo
Texas Instruments
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4521-HT NSC-THS4521-HT Datasheet
758Kb / 28P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com