Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCB945300 Datasheet(PDF) 3 Page - celduc-relais

Part # SCB945300
Description  Double Solid State Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SCB945300 Datasheet(HTML) 3 Page - celduc-relais

  SCB945300 Datasheet HTML 1Page - celduc-relais SCB945300 Datasheet HTML 2Page - celduc-relais SCB945300 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Précautions :
* Les relais à semiconducteurs ne procurent pas d'isolation
galvanique entre le réseau et la charge.
Cautions :
* Semiconductor relays don't provide any galvanic insulation
between the load and the mains.
page 3 / 3 F/GB
S/BIP/SCB945300/B/07/02/2003
28
44,5
Ø 4,7
M 4
24
19,6
28
16 max
24
19,6
28
16 max
-N°de lot :9906173
Suivi du
-Date code :L6 (juin 99)
-Batch number : 9906173
following of
-Manufacture date : L6 ( june 99)
8-30Vdc
celduc
+
40A
230Vac
(12-280Vac)
T1
L1
Input
SCB944300
with heatsink
40A
230Vac
(12-280Vac)
T2
L2
MADE IN FRANCE
Entrées / Inputs
Section max de fil / Max. wire
:
12 AWG 2,5 mm
2
Screwdriver type :
3,5 x0,5 mm
Couple de serrage /Screws torque
:
0,4 Nm
6±0,5 mm
Fils d'entrée / Input wires
Sorties / Outputs
Vis / screws
:
M4
Couple de serrage / Screws torque
:
1,8 Nm
Tableau de sections de fil pour la gamme SC (Exemples) /
Wiring tabs for the outputs SC range (exemples)
I max
(A)
Fil / wire
(mm2)
AWG/
MCM
<20
2,5
12
L=22mm W=8,5mm
AMP : 0-0034160-0
L=20mm W=6mm
AMP : 0-0165012-1
25
4
10
L=27mm W=7mm
AMP : 0-0034853-0
L=31mm W=8mm
AMP : 0-0132269-1
32
6
10
L=27mm W=7mm
AMP : 0-0034853-0
L=31mm W=8mm
AMP : 0-0132269-1
50
10
8
L=23,7mm
W=11,9mm
AMP : 0-0032996-0
x
L
W
W
Caractéristiques mécaniques /Mechanical specifications
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc


Similar Part No. - SCB945300

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCB945600 CELDUC-SCB945600 Datasheet
129Kb / 3P
   Relais Statique Double Double Solid State Relay
More results

Similar Description - SCB945300

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCB865300 CELDUC-SCB865300 Datasheet
125Kb / 3P
   Double Solid State Relay
SCB942600 CELDUC-SCB942600 Datasheet
119Kb / 3P
   Double Solid State Relay
SCB345100 CELDUC-SCB345100 Datasheet
105Kb / 2P
   Double Solid State Relay
SCB565300 CELDUC-SCB565300 Datasheet
105Kb / 2P
   Double Solid State Relay
SCB942300 CELDUC-SCB942300 Datasheet
457Kb / 3P
   Double Solid State Relay
SOB542460 CELDUC-SOB542460 Datasheet
437Kb / 2P
   Double Solid State Relay
SCB965600 CELDUC-SCB965600 Datasheet
124Kb / 3P
   Double Solid State Relay
SCB665300 CELDUC-SCB665300 Datasheet
107Kb / 2P
   Double Solid State Relay
SCB962600 CELDUC-SCB962600 Datasheet
127Kb / 3P
   Double Solid State Relay
SCB564310 CELDUC-SCB564310 Datasheet
83Kb / 2P
   Double Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com