Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSKS5400 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSKS5400
Description  GaAs Infrared Emitting Diode in Side View Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSKS5400 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSKS5400 Datasheet HTML 1Page - Vishay Siliconix TSKS5400 Datasheet HTML 2Page - Vishay Siliconix TSKS5400 Datasheet HTML 3Page - Vishay Siliconix TSKS5400 Datasheet HTML 4Page - Vishay Siliconix TSKS5400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSKS5400
Vishay Telefunken
1 (5)
Rev. A7, 15-Dez-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83780
GaAs Infrared Emitting Diode in Side View Package
Description
TSKS5400 is a standard GaAs infrared emitting diode
in a flat sideview molded plastic package. A small
recessed spherical lens provides an improved radiant
intensity in a low profile case.
The diode is case compatible to the TEKS5400
photodetector, allowing the user to assemble his own
optical sensor.
Features
D Side view package with spherical lens
D Radiation direction perpendicular to
mounting direction
D Angle of half sensitivity ϕ = ± 30°
D Peak wavelength lP = 950 nm
D Case compatible with TEKS5400
D Ordering code:
TSKS5400-ESZ (2.54 mm Pin distance)
14 354
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
Forward current
IF
100
mA
Surge forward current
tp x 100 ms
IFSM
2
A
Power dissipation
PV
170
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tstg
–25 to +85
°C
Storage temperature range
Tstg
–40 to +100
°C
Soldering temperature
t
x 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ ambient
RthJA
450
k/W


Similar Part No. - TSKS5400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSKS5400 VISHAY-TSKS5400 Datasheet
156Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 2.3, 05-Sep-08
TSKS5400 VISHAY-TSKS5400 Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
TSKS5400-FSZ VISHAY-TSKS5400-FSZ Datasheet
156Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 2.3, 05-Sep-08
TSKS5400-FSZ VISHAY-TSKS5400-FSZ Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
TSKS5400S VISHAY-TSKS5400S Datasheet
107Kb / 6P
   GaAs Infrared Emitting Diode in Side View Package
Rev. 1, 30-Apr-02
More results

Similar Description - TSKS5400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQX48 VISHAY-CQX48 Datasheet
74Kb / 5P
   GaAs Infrared Emitting Diode in Side View Package
Rev. 5, 16-Nov-99
TSKS5400S VISHAY-TSKS5400S Datasheet
107Kb / 6P
   GaAs Infrared Emitting Diode in Side View Package
Rev. 1, 30-Apr-02
logo
TEMIC Semiconductors
TSKS5412X01 TEMIC-TSKS5412X01 Datasheet
104Kb / 7P
   GaAs Infrared Emitting Diode in Side View Package
logo
Vishay Siliconix
TSSF4500 VISHAY-TSSF4500 Datasheet
50Kb / 3P
   High Speed Infrared Emitting Diode in Side View Package
Rev. 3, 20-May-99
TSSS2600 VISHAY-TSSS2600 Datasheet
98Kb / 5P
   GaAs IR Emitting Diode in Side View Miniature Package
Rev. 2, 20-May-99
logo
Unity Opto Technology
MIE-134G2 UOT-MIE-134G2 Datasheet
39Kb / 2P
   GaAs/GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-11RG1 UOT-MIE-11RG1 Datasheet
29Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-114G1 UOT-MIE-114G1 Datasheet
30Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-144G1 UOT-MIE-144G1 Datasheet
31Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
logo
Vitesse Semiconductor C...
TSMS3700 VITESSE-TSMS3700 Datasheet
54Kb / 6P
   GaAs Infrared Emitting Diode in SMT Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com