Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG900200 Datasheet(PDF) 4 Page - celduc-relais

Part # SG900200
Description  MOTOR REVERSER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SG900200 Datasheet(HTML) 4 Page - celduc-relais

  SG900200 Datasheet HTML 1Page - celduc-relais SG900200 Datasheet HTML 2Page - celduc-relais SG900200 Datasheet HTML 3Page - celduc-relais SG900200 Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S/MOT/SG900200/B/11/10/2001
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 4 / 4 F/GB
1
10
0,1
0,01
0
200
400
600
t (s)
Itsm (Apeak)=f(t) non répétitif sans tension réappliquée
No repetitive Itsm (Apeak)=f(t) without voltage reapplied
Itsm (Apeak)=f(t) répétitif avec tension réappliquée à Tj=70
°c
Repetitive Itsm (Apeak)=f(t) with voltage reapplied for initial Tj =70
°C
Courant de surcharge non répétitif : ITSM =550A
/ Non repetitive surge peak on-state current : ITSM =550A
Dissipateur/Heatsink
ambiant /ambient =40
°C
dissipateur/heatsink =80
°C
Fusible Ferraz
Ferraz fuse
type 14x51
Relais de surcharge/
Overload relay type
Klöckner-Moeller
Puissance moteur
Motor power
In AC53a
(@ 400V)
Imax
0,75 kW
2A
aucun/none
am 8A/500V
Z00-2.4
1,1 kW
2,6A
aucun/none
am 8A/500V
Z00-6
1,5 kW
3,5A
aucun/none
am 12A/500V
Z00-6
2,2 kW
5A
WF121000
am 12A/500V
Z00-6
3 kW
6,6A
WF121000
am 12A/500V
Z00-10
4 kW
8,5A
WF121000
am 12A/500V
Z00-10
For motor > 4kW consult us : we have some solutions
Pour des moteurs > 4kW:consultez nous,nous avons des solutions
Caractéristiques thermiques / Thermal curves :
0
2
4
6
8
10
12
0
0
5
10
15
20
25
30
0
Courant de charge efficace /RMS load current (A)
0
10 20 30 40 50 60 70 80 90 100
0
0
5
10
15
20
25
30
0
Température ambiante/Ambient temperature (°C)
sans dissipateur/
without heatsink
1,2K/W
= WF121100
CHOIX DE L'INVERSEUR ET DU DISSIPATEUR EN CONFORMITE AVEC EN60947-4-2
REVERSERS + HEATSINK SELECTION IN COMPLIANCE WITH EN60947-4-2


Similar Part No. - SG900200

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG90 LITTELFUSE-SG90 Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
logo
List of Unclassifed Man...
SG90 ETC-SG90 Datasheet
124Kb / 2P
   9 g Micro Servo
SG901-1039 ETC2-SG901-1039 Datasheet
654Kb / 11P
   SG901-1039 Miniature Wi-Fi Radio
SG901-1066 ETC2-SG901-1066 Datasheet
241Kb / 3P
   SG901-1066 Integrated Wi-Fi Antenna
More results

Similar Description - SG900200

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SG969100 CELDUC-SG969100 Datasheet
186Kb / 5P
   MOTOR REVERSER
SV969300 CELDUC-SV969300 Datasheet
187Kb / 5P
   MOTOR REVERSER
SV969500 CELDUC-SV969500 Datasheet
392Kb / 5P
   MOTOR REVERSER
SG969300 CELDUC-SG969300 Datasheet
180Kb / 4P
   MOTOR REVERSER
SG969500E CELDUC-SG969500E Datasheet
291Kb / 4P
   MOTOR REVERSER
SW960330 CELDUC-SW960330 Datasheet
177Kb / 5P
   INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
SW961230 CELDUC-SW961230 Datasheet
192Kb / 5P
   INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
logo
Schneider Electric
LU6MB0B SCHNEIDER-LU6MB0B Datasheet
137Kb / 3P
   Reverser block for side mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022
LU6MB0BL SCHNEIDER-LU6MB0BL Datasheet
107Kb / 3P
   Reverser block for side mounting, TeSys Ultra, 38A/690V, coil 24VDC
May 11, 2022
LU2MB0B SCHNEIDER-LU2MB0B Datasheet
162Kb / 3P
   Reverser block for vertical mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com