Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG544020 Datasheet(PDF) 3 Page - celduc-relais

Part # SG544020
Description  RELAY WITH PROPORTIONAL CONTROL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SG544020 Datasheet(HTML) 3 Page - celduc-relais

  SG544020 Datasheet HTML 1Page - celduc-relais SG544020 Datasheet HTML 2Page - celduc-relais SG544020 Datasheet HTML 3Page - celduc-relais SG544020 Datasheet HTML 4Page - celduc-relais SG544020 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S/GRA/SG5xxxxx/A/13/03/2000
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 3 / 5 F/GB
Transformer
N
P
+
-
D
C
S
R
Q
Photocouple
Supply
Synchro.
+Vcc
Ramp
+
-
Led
Analog
input
Load
Main
0-10V model
4-20mA model
fixed
period
Tamb (°C)
Pdmoy (W)
I (A)
Tcase max (°C)
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
10
9
8
7
6
5
4
3
2
1
0
85
0
10 20 30 40
50 60 70 80 90 100 110 120125
240VAC
440VAC
87,5
2°C/W
4°C/W
4°C/W
SANS RADIATEUR
5°C/W
0°C/W
Tcase max (°C)
125
0
5
0
5
10
15
20
25
30
35
40
10
15
20
25
30
35
40
45
50
55
60
0
102030 40
506070 8090 100 110 120
85
75
65
Pdmoy (W)
I (A)
Tamb (°C)
0,4°C/W
0,9°C/W
1°C/W
1,5°C/W
2°C/W
4°C/W
SANS RADIATEUR
0°C/W
1,2°C/W
0,7°C/W
10A RELAY
40A RELAY
Schéma équivalent /
Equivalent wiring
Transformer
N
P
+
-
D
C
S
R
Q
Photocoupler
Supply
Synchro.
+Vcc
Ramp
+
-
Led
Load
Main
0-5V /pot model
+Vcc
Trimmer
for cycle
time on
the SSR
10K
to
100K
SG5xx0xx
SG5xx4xx
SG5xx1xx
Caractéristiques thermiques /
Thermal curves :
Caractéristiques thermiques /
Thermal curves :


Similar Part No. - SG544020

ManufacturerPart #DatasheetDescription
logo
AUK corp
SG5411 AUK-SG5411 Datasheet
181Kb / 4P
   LED Lamp
logo
KODENSHI_AUK CORP.
SG5411 KODENSHI-SG5411 Datasheet
253Kb / 3P
   LAMP LED
logo
AUK corp
SG5411B AUK-SG5411B Datasheet
181Kb / 4P
   LED Lamp
More results

Similar Description - SG544020

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SG441020 CELDUC-SG441020 Datasheet
470Kb / 6P
   RELAY WITH PROPORTIONAL CONTROL
logo
Festo Corporation.
VEAB-B-26-D13-F-V1-1R1 FESTO-VEAB-B-26-D13-F-V1-1R1 Datasheet
87Kb / 2P
   Proportional pressure control valve
VEAB-L-26-D15-Q4-A4-1R1 FESTO-VEAB-L-26-D15-Q4-A4-1R1 Datasheet
91Kb / 2P
   Proportional pressure control valve
557771 FESTO-557771 Datasheet
88Kb / 2P
   Proportional pressure control valve
1/21/22
8104664 FESTO-8104664 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104670 FESTO-8104670 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104673 FESTO-8104673 Datasheet
101Kb / 2P
   Proportional pressure control valve
1/27/22
151693 FESTO-151693 Datasheet
100Kb / 2P
   Proportional directional control valve
4/19/22
151694 FESTO-151694 Datasheet
99Kb / 2P
   Proportional directional control valve
4/19/22
VEAA-L-3-D11-Q4-V2-1R1 FESTO-VEAA-L-3-D11-Q4-V2-1R1 Datasheet
90Kb / 2P
   Proportional pressure control valve
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com