Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG969300 Datasheet(PDF) 3 Page - celduc-relais

Part # SG969300
Description  MOTOR REVERSER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SG969300 Datasheet(HTML) 3 Page - celduc-relais

  SG969300 Datasheet HTML 1Page - celduc-relais SG969300 Datasheet HTML 2Page - celduc-relais SG969300 Datasheet HTML 3Page - celduc-relais SG969300 Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S/MOT/SG969300/B/19/03/2004
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
page 3 / 4 F/GB
Tension nominale/ Standard mains voltage
Ue
400 VAC
Plage de tension de fonctionnement / Mains voltage range
Un
24-520VAC
tension crête non répétitive/ Non-repetitive maximum peak voltage
Up
1600V
Courant AC-53 maxi/ Max. nom. current (AC53a=AC3) @40
°C
Ie
8,5A ( see motor reverser selection)
Puissance moteur/ 3 pole power motor ( 3x400VAC)
Pn
4kW/5,5hp
Chute directe / Max Direct voltage drop (@Ie)
Ud
1,4VRMS
Courant crête non répétitif/ Non repetitive overload current
(@ 1 cycle of 10ms)
ITSM
550A
I2t value/ Melting limit (choice of fuse) @10ms
I
2t
1500 A
2s
Courant minimal de charge / Minimum load current
Imin
100 mA
facteur de puissance/ Power factor (@ Ith)
Pf
0 up to 1
Temps d'ouverture et de temporisation/ Turn on time-reversing time(@50Hz)
ton/trv
20ms / 100ms
Temps d'ouverture/ Turn off time (@50Hz)
toff
10ms
Courant de fuite /Maximum leakage current (@Ue/50Hz)
Ilk
5 mARMS
dv/dt / Max off state voltage rise
dv/dt
500V/
µs
Fréquence de réseau / Operating frequency range
f
25 up to 440Hz
Max conducted immunity level
Test accord. to I.E.C.1000-4-4 (bursts)
4KV direct at output, 4KV with a clamp at input
no turn on or damage
Max conducted immunity level
Test acc. to I.E.C.1000-4-5 (el. shocks)
2KV in common mode, 1KV in differential mode (Input & output)
no turn on or damage
Max radiated immunity level
Test accord. to I.E.C.1000-4-3
10V/m
no turn on or damage
Max electrostatic disch. immunity level
Test accord. to I.E.C.1000-4-2
8KV in the air / 4KV touching
no turn on or damage
Max conducted emission level (0,8<Pf<1)
Test according to EN55011
The conducted noise made by SSR depends on the wiring configuration and the load type. Test
methods recommended by European E.M.C. standards giving results far from reality, we have
chosen to advise the right filter suited for the customer's use: Refer to EMC chapter
Max radiated emission level
Test accord. to EN55011 @Ie
<30dB
µV from 30 up to 230MHz ; <37dBµV from 230 up to 1000MHz
Base/junction thermal resistance
Rthjc
0,5K/W (1 leg)
Ambient/junction thermal resistance
(relay mounted vertically)
Rthja
5K/W
Weight
130g
Characteristics given at 25
°C unless otherwise specified
M4 x 12mm
1,5N.m
Use heat conducting paste.
Utiliser de la graisse thermoconductrice.
cel
cel
duc
duc
celduc
celduc
M4 x 12mm
1,5N.m
Must be used only in conjunction with a heatsink
mounted in vertical position to help the air flow.
Minimum air distances all around the heatsink :
10mm.
☛Doit être utilisé obligatoirement monté sur
dissipateur thermique placé en position
verticale afin de faciliter la
circulation de l'air. Distances
minimum dans l'air autour du
dissipateur : 10mm
91,5mm
91,5mm
MONTAGE D'UN RELAIS
Mounting of a relay on a heatsink
celduc


Similar Part No. - SG969300

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SG969100 CELDUC-SG969100 Datasheet
186Kb / 5P
   MOTOR REVERSER
SG969500E CELDUC-SG969500E Datasheet
291Kb / 4P
   MOTOR REVERSER
More results

Similar Description - SG969300

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SG900200 CELDUC-SG900200 Datasheet
137Kb / 4P
   MOTOR REVERSER
SG969100 CELDUC-SG969100 Datasheet
186Kb / 5P
   MOTOR REVERSER
SV969300 CELDUC-SV969300 Datasheet
187Kb / 5P
   MOTOR REVERSER
SV969500 CELDUC-SV969500 Datasheet
392Kb / 5P
   MOTOR REVERSER
SG969500E CELDUC-SG969500E Datasheet
291Kb / 4P
   MOTOR REVERSER
SW960330 CELDUC-SW960330 Datasheet
177Kb / 5P
   INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
SW961230 CELDUC-SW961230 Datasheet
192Kb / 5P
   INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
logo
Schneider Electric
LU6MB0B SCHNEIDER-LU6MB0B Datasheet
137Kb / 3P
   Reverser block for side mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022
LU6MB0BL SCHNEIDER-LU6MB0BL Datasheet
107Kb / 3P
   Reverser block for side mounting, TeSys Ultra, 38A/690V, coil 24VDC
May 11, 2022
LU2MB0B SCHNEIDER-LU2MB0B Datasheet
162Kb / 3P
   Reverser block for vertical mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com