Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2050IS8-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2050IS8-TRPBF
Description  Zero-Drift Operational Amplifi ers in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050IS8-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2050IS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC2050IS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC2050IS8-TRPBF Datasheet HTML 9Page - Linear Technology LTC2050IS8-TRPBF Datasheet HTML 10Page - Linear Technology LTC2050IS8-TRPBF Datasheet HTML 11Page - Linear Technology LTC2050IS8-TRPBF Datasheet HTML 12Page - Linear Technology LTC2050IS8-TRPBF Datasheet HTML 13Page - Linear Technology LTC2050IS8-TRPBF Datasheet HTML 14Page - Linear Technology LTC2050IS8-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2050/LTC2050HV
11
2050fb
Single Supply Thermocouple Amplifier
Gain of 1001 Single Supply Instrumentation Amplifier
TYPICAL APPLICATIONS
2050 TA04
+
+
10k
10Ω
10Ω
10k
V+
V+
4
5
1
2
3
4
5
1
2
3
VOUT
–VIN
+VIN
LTC2050
LTC2050
OUTPUT DC OFFSET ≤ 6mV
FOR 0.1% RESISTORS, CMRR = 54dB
0.1μF
+
+
LT1025A
GND
K
R–
5V
0.1μF
LTC2050
5
1
4
5
4
3
2
2
TYPE K
7
VOUT
10mV/°C
1k
1%
255k
1%
100Ω
0.068μF
2050 TA03
LT1025 COMPENSATES COLD JUNCTION
OVER 0°C TO 100°C TEMPERATURE RANGE
5V


Similar Part No. - LTC2050IS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2050IS8 LINER-LTC2050IS8 Datasheet
120Kb / 4P
   Zero-Drift Operational Amplifier in SOT-23
More results

Similar Description - LTC2050IS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2050HV LINER-LTC2050HV_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
LTC2050 LINER-LTC2050 Datasheet
120Kb / 4P
   Zero-Drift Operational Amplifier in SOT-23
LTC2050 LINER-LTC2050_15 Datasheet
206Kb / 16P
   Zero-Drift Operational Amplifiers in SOT-23
logo
DATEL, Inc.
AM-500 DATEL-AM-500 Datasheet
129Kb / 4P
   Ultra-Fast Operational Amplifi ers
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
   Ultra-Fast, Wideband Operational Amplifi ers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com