Electronic Components Datasheet Search |
|
ECS-200-S-35CEL-TR Datasheet(PDF) 1 Page - ECS, Inc. |
|
ECS-200-S-35CEL-TR Datasheet(HTML) 1 Page - ECS, Inc. |
|
1 / 1 page CSM-9 SMD CRYSTAL The CSM-9 is a compact SMD Crystal. The 8.0 x 4.5 x 1.6 mm ceramic package is ideal for today's SMD manufacturing environment. 1105 South Ridgeview Road Olathe, KS 66062 Phone: 913.782.7787 Fax: 913.782.6991 www.ecsxtal.com PARAMETERS CONDITIONS MIN TYP MAX CSM-9 OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS UNITS Aging Characteristics (Per Year) Operating Temperature Storage Temperature Drive Level Frequency FO Frequency Tolerance Frequency Stability (ref @ 25°C) Shunt Capacitance Load Capacitance Equivalent Series Resistance Fundamental Model Specify in P/N -10 ~ +70°C @ +25°C 10.000 ~ 11.999 MHz 12.000 ~ 32.0000 MHz Topr Tstg @ +25°C ± 3°C 32.000 ± 30 * ± 30 * 7.0 80 50 300 +70 +85 ± 5 10.000 -10 -40 20 +25 MHz ppm ppm pF pF Ω Ω µW °C °C ppm PACKAGE DIMENSIONS (mm) PART NUMBERING GUIDE: Example ECS-160-20-35-TR Custom Options Low Profile 8.0 x 4.5 mm Footprint Extended Temp. Range Option RoHS Compliant ECS - Frequency Abbreviation - Load - Package Type - Tolerance - Stability - Temp Range - Packaging 160 = 16.000 MHz See P/N Guide for Std Frequencies 20 = 20.0 pF S = Series -35 = CSM-9 -TR = Tape & Reel 1K/Reel A = ± 25 ppm C = ± 10 ppm D = ±100 ppm E = ± 50 ppm G = ± 30 ppm H = ± 25 ppm K = ± 10 ppm L = -10 ~ +70°C M = -20 ~ +70°C N = -40 ~ +85°C P = -40~+105°C |
Similar Part No. - ECS-200-S-35CEL-TR |
|
Similar Description - ECS-200-S-35CEL-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |