Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-35-16-10 Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-35-16-10
Description  HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-35-16-10 Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-35-16-10 Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CRYSTALS
CRYSTALS
10.5 Max.
10
These products represent our selection of
miniature tubular high frequency crystals.
They feature outstanding shock/vibration
resistance and environmental characteristics.
FEATURES
• Cost effective
• Excellent aging
• Wide frequency range
• Excellent reliability
ECS-3X10, 3X9
HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
PACKAGE DIMENSIONS (mm)
EQUIVALENT SERIES RESISTANCE/ MODE OF OSCILLATION
FREQUENCY MHz
EQUIVALENT SERIES RESISTANCE
MODE
3.5MHZ ~ 4MHz
200
Ω MAX.
4MHZ ~ 6MHz
150
Ω MAX.
6MHZ ~ 10MHz
100
Ω MAX.
10MHZ ~ 30MHz
50
Ω MAX.
30MHZ ~ 36MHz
100
Ω MAX.
36MHZ ~ 70MHz
80
Ω MAX.
3rd O/T
PART NUMBERING GUIDE “EXAMPLE”
FREQUENCY
LOAD CAPACITANCE*
PACKAGE TYPE**
ECS
35
16
10
ECS
160
16
9
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
ECS-3x10
ECS-3x9
CONDITIONS
FREQUENCY RANGE
fo
3.5MHz ~ 4MHz
4MHz ~ 30MHz (fund), 30MHz ~ 70MHz (3rd OT)
FREQUENCY TOLERANCE
∆f/fo
±50 PPM
@ +25˚C
FREQUENCY VS. TEMP. CHARAC.
∆f/fo
±50 PPM
-10˚C ~ +60˚C
OPERATING TEMPERATURE RANGE
TOPR
-10 ~ +60
˚C
STORAGE TEMP. RANGE
TSTG
-40 ~ +85
˚C
EQUIVALENT SERIES RESISTANCE
R1
See table
LOAD CAPACITANCE
CL
16.0 pF typ. (Customer Specified)
pF
SHUNT CAPACITANCE
C0
5.0 max.
pF
DRIVE LEVEL
DL
50µW ~ 100µW
µW
INSULATION RESISTANCE
IR
500M
Ω min.
DC 100V ±15V
AGING (FIRST YEAR)
∆f/fo
±5 PPM max.
25˚C ±3˚C
±5 PPM
Conditions will vary
SHOCK RESISTANCE
Drop test of 3 times on a hard board from 75 cm height or shock test of 3000G x 0.3ms x 1/2 sin wave x 3 directions
depending on frequency
Fundamental
9 Max.
10
Figure 2) 3x9
+ 30
- 30
- 10
25
60
f/f0
PPM
TEMP.(˚C)
Figure 1) ECS-3x10
Figure 3) Frequency vs Temperature Curve
* Load capacitance (xx=xx pF, S= series resonance), ** Package Type examples (10 = 3x10, 9 = 3x9)


Similar Part No. - ECS-35-16-10

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-35-16-10X ECS-ECS-35-16-10X Datasheet
177Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
ECS-35-16-10X ECS-ECS-35-16-10X Datasheet
520Kb / 2P
   These products represent our selection of miniature tubular high frequency crystals
More results

Similar Description - ECS-35-16-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-3X9 ETC1-ECS-3X9 Datasheet
77Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
ECS, Inc.
ECS-3X10X ECS-ECS-3X10X Datasheet
177Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
List of Unclassifed Man...
NKS7-082-20 ETC2-NKS7-082-20 Datasheet
71Kb / 2P
   Miniature Quartz Crystals
logo
ECS, Inc.
ECS-31X ECS-ECS-31X Datasheet
163Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
logo
List of Unclassifed Man...
ECS-31 ETC1-ECS-31 Datasheet
79Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
logo
ECS, Inc.
ECS-31 ECS-ECS-31 Datasheet
79Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
logo
Oscilent Corporation
QC-153 OSCILENT-QC-153 Datasheet
148Kb / 3P
   Quartz Crystals
logo
EUROQUARTZ limited
HFF EUROQUARTZ-HFF Datasheet
143Kb / 1P
   QUARTZ CRYSTALS
logo
ECS, Inc.
UM-1_UM-5_UM-4R ECS-UM-1_UM-5_UM-4R Datasheet
349Kb / 1P
   QUARTZ CRYSTALS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com