Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-.400-12.5-13 Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-.400-12.5-13
Description  LOW FREQUENCY QUARTZ CRYSTALS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-.400-12.5-13 Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-.400-12.5-13 Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CRYSTALS
CRYSTALS
The ECS-31 Series features the same
characteristics as only tuning fork crystals
offer. Because of their miniature size they are
ideal for portable and communication
equipment applications.
FEATURES
• Miniature size
• Cost effective
• Long term stability
• Excellent shock and vibration characteristics
ECS-31 SERIES
LOW FREQUENCY QUARTZ CRYSTALS
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
3X8
2X6
1X5
CONDITIONS
FREQUENCY RANGE
fo
20KHz ~ 40KHz
30KHz ~ 150KHz
200KHz
KHz
FREQUENCY TOLERANCE
∆f/fo
±30 PPM
±30 PPM
±10,000 PPM
@ +25˚C
FREQUENCY VS. TEMP. CHARAC.
∆f/fo
See Drawing
-10˚C ~ +60˚C
TURNOVER TEMPERATURE
Tm
+25˚C typ.
TEMPERATURE COEFFICIENT
ß
-0.034 PPM/˚C
2 typ.
Varies depending on frequency
OPERATING TEMP. RANGE
TOPR
-10 ~ +60
˚C
STORAGE TEMP. RANGE
TSTG
-40 ~ +85
˚C
EQUIVALENT SERIES RESISTANCE
R1
30 ~ 50 (max.)
10 (max.)
K
LOAD CAPACITANCE
CL
12.5pF typ. (Customer Specified)
pF
MOTIONAL CAPACITANCE
C1
1 ~ 4fF typ.
fF
SHUNT CAPACITANCE
C0
0.8 ~ 1.7pF typ.
pF
CAPACITANCE RATIO
τ
425 ~ 800 typ.
DRIVE LEVEL
DL
1µW max.
µW
INSULATION RESISTANCE
IR
500 M
Ω min.
DC 100V±15
AGING (FIRST YEAR)
∆f/fo
±5 PPM max.
+25˚C ± 3˚C
±5 PPM max.
Conditions will vary
SHOCK RESISTANCE
Drop test of 3 times on a hard board from 75 cm height or shock test of 3000G x 0.3ms x 1/2 sin wave x 3 directions
depending on frequency
PART NUMBERING GUIDE “EXAMPLE”
MANUFACTURER
FREQUENCY
LOAD CAPACITANCE
PACKAGE TYPE*
ECS
.400
12.5
8
ECS
.400
12.5
13
ECS
2.0
12.5
14
8.2 Max.
10
PACKAGE DIMENSIONS (mm)
Figure 1) ECS-31-8
6.2 Max.
10
Figure 2) ECS-31-13
5.1 Max.
4.3
Figure 3) ECS-31-14
* Package type examples (8=3x8, 13=2x6, 14=1x5)
PARABOLIC TEMPERATURE CURVE
-20
-10
-20
-30
-40
-50
-60
-10
0
10
20
30
40 50
60
70
f/f (PPM)
T (˚C)
To determine frequency stability, use parabolic
curvature. For example: What is the stability at 45˚C?
1) Change in T (˚C) = 45 -25 = 20˚C
2) Change in frequency = -0.04 PPM x (
∆T)
2
= -0.04 PPM x (20)
2
= -16.0 PPM


Similar Part No. - ECS-.400-12.5-13

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-.400-12.5-13X ECS-ECS-.400-12.5-13X Datasheet
163Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
ECS-.400-12.5-13X ECS-ECS-.400-12.5-13X Datasheet
522Kb / 2P
   low frequency tuning fork crystals offer low frequencies in a compact thru hole package
More results

Similar Description - ECS-.400-12.5-13

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-31X ECS-ECS-31X Datasheet
163Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
logo
List of Unclassifed Man...
ECS-31 ETC1-ECS-31 Datasheet
79Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
logo
ECS, Inc.
ECS-3X10 ECS-ECS-3X10 Datasheet
77Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
List of Unclassifed Man...
ECS-3X9 ETC1-ECS-3X9 Datasheet
77Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
ECS, Inc.
ECS-3X10X ECS-ECS-3X10X Datasheet
177Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
logo
Oscilent Corporation
QC-153 OSCILENT-QC-153 Datasheet
148Kb / 3P
   Quartz Crystals
logo
EUROQUARTZ limited
HFF EUROQUARTZ-HFF Datasheet
143Kb / 1P
   QUARTZ CRYSTALS
logo
ECS, Inc.
UM-1_UM-5_UM-4R ECS-UM-1_UM-5_UM-4R Datasheet
349Kb / 1P
   QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23 Datasheet
76Kb / 3P
   Quartz Crystals
Revision: 09-May-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com