Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-327KO Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-327KO
Description  SMD CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-327KO Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-327KO Datasheet HTML 1Page - ECS, Inc. ECS-327KO Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECS-327KO
SMD CLOCK OSCILLATOR
ECS-327KO 32.768 KHz low power CMOS subminiature
SMD oscillator.
Ideal for today's high density low
power applications.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECS-327KO
MIN
TYP
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
UNITS
CMOS
VDD = +3.3V @ +25°C
VDD = +3.3V @ +25°C
@ +25°C ±3°C
CL 15 pF @ +25°C
CL 15 pF @ +25°C
@ 50% VDD CL 15 pF @+25°C
VDD = +3.3V at +25°C
at VDD=+3.3V, no load
No Load
CL 15 pF @+25°C (10% to 90% VDD)
-20 ~ +70°C
-40 ~ +85°C
Enable delay time
Startup time
Aging (first year)
Disable delay time
"1" level (VOH)
"0" level (VOL)
Input Current (-40~ +85°C)
Standby Current (at +25°C)
Frequency
Frequency Tolerance
Frequency Stability
Operating Temperature
Storage Temperature
Input Voltage
Absolute Supply Voltage
Output Symmetry
Rise and Fall Times
Output Load
-10
-100
-200
VDD-0.4V
KHz
°C
°C
VDC
ppm
ppm
ppm
VDC
µA
nA
%
ns
VDC
VDC
pF
nS
S
S
ppm
+30
+30
+85
+ 125
-40
-55
+3.0
+1.3
+3.3
+30
32.768
1
± 3.6
+ 5.5
1.5
200
40/60
60/40
200
+0.4
15
100
3
3
± 5
DIMENSIONS (mm)
Note: Internal crystal oscillation to be halted
(Pin #1=VIL)
Note: Terminals (A & B) should
not be connected.
Figure 1) Top, Side and Bottom views
Figure 2) Suggested Land Pattern
PART NUMBER: ECS-327KO-TR
Pin Connections
Tri-State Control Voltage
Pin #1
Pin #2
Pin #3
Pin #4
Pad 1
Open
VIH 90% VDD Min
VIL10% VDD Max
Oscillation
High Impedance
Oscillation
Pad 3
Low Current 1.5 µA
4 x 2.5 mm Footprint
1.3 to 5.5V
Pb Free/RoHS Compliant
-40 ~ +85°C Operating Temp
ECS
-
Series
-
Packaging
ECS-327KO
TR = Tape & Reel
1K/Reel
Tri-State
Ground
Output
VDD


Similar Part No. - ECS-327KO

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-327KE ECS-ECS-327KE Datasheet
513Kb / 2P
   SMD CLOCK OSCILLATOR
ECS-327KE-TR ECS-ECS-327KE-TR Datasheet
513Kb / 2P
   SMD CLOCK OSCILLATOR
More results

Similar Description - ECS-327KO

ManufacturerPart #DatasheetDescription
logo
TEMEX
RXO7050M TEMEX-RXO7050M Datasheet
815Kb / 9P
   SMD Clock Oscillator
logo
ECS, Inc.
ECS-327KE ECS-ECS-327KE Datasheet
513Kb / 2P
   SMD CLOCK OSCILLATOR
ECS-1633 ECS-ECS-1633 Datasheet
804Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-2025 ECS-ECS-2025 Datasheet
249Kb / 2P
   SMD CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-1633 ETC2-ECS-1633 Datasheet
804Kb / 1P
   SMD CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2532HS ECS-ECS-2532HS_12 Datasheet
1Mb / 3P
   SMD CLOCK OSCILLATOR
ECS-2532HS ECS-ECS-2532HS Datasheet
194Kb / 2P
   SMD CLOCK OSCILLATOR
logo
RSG Electronic Componen...
CXO5032T3 RSG-CXO5032T3 Datasheet
44Kb / 1P
   SMD Clock Oscillator
logo
ECS, Inc.
ECS-3951M ECS-ECS-3951M Datasheet
120Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-327SMO ECS-ECS-327SMO Datasheet
136Kb / 1P
   SMD CLOCK OSCILLATOR
logo
TEMEX
RMF2520S TEMEX-RMF2520S Datasheet
495Kb / 7P
   SMD Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com