Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPS12Y-A3R-008 Datasheet(PDF) 2 Page - Emerson Network Power

Part # HPS12Y-A3R-008
Description  HPS10/12/15 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS12Y-A3R-008 Datasheet(HTML) 2 Page - Emerson Network Power

  HPS12Y-A3R-008 Datasheet HTML 1Page - Emerson Network Power HPS12Y-A3R-008 Datasheet HTML 2Page - Emerson Network Power HPS12Y-A3R-008 Datasheet HTML 3Page - Emerson Network Power HPS12Y-A3R-008 Datasheet HTML 4Page - Emerson Network Power HPS12Y-A3R-008 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
153
www.astecpower.com
Watts
1000
1250
1500
Input
voltage
85-264 90-264 180-264
Module ID
HPS10
HPS12
HPS15
Code
Volts
Output Output Output
Amps Amps Amps
Q
24.0
41.7
52.1
62.5
R
28.0
35.7
44.6
53.6
S
30.0
33.3
41.7
50.0
W
48.0
20.8
26.0
31.3
X
54.0
18.5
23.1
27.8
Y
60.0
16.7
20.8
25.0
System
Max. Size
Max. System
Module
Standard
Unit
Code
(H x W x L)
Power
Distribution
Size
Weight
HPR3
5.22" x 19.0" x 14.0"
6000 W
(4 ea) HPS10/12/15 3U
16.4 lbs
Module
Max. Size
Max. Module Max. Number Unit
Code
(H x W x L)
Power
per Rack
Weight (lbs)
HPS10
5.04" x 3.83" x 12.5"
1000 W
4
10.5
HPS12
5.04" x 3.83" x 12.5"
1250 W
4
10.5
HPS15
5.04" x 3.83" x 12.5"
1500 W
4
10.5
Watts
4000
5000
6000
Input
voltage
85-264
100-264 180-264
Module Used
HPS10
HPS12
HPS15
Rack ID
HPR3
HPR3
HPR3
Output
Output Output
Code
Volts
Amps
Amps
Amps
Q
24.0
166.7
208.3
250.0
R
28.0
142.9
178.6
214.3
S
30.0
133.3
166.7
200.0
W
48.0
83.3
104.2
125.0
X
54.0
74.1
92.6
111.1
Y
60.0
66.7
83.3
100.0
Output Voltage
Q = 24 V
R = 28 V
S = 30 V
W = 48 V
X = 54 V
Y = 60 V
Z = Consult factory
I monitor
N = None
A = Current monitor
Power
10 = 1000 W
12 = 1250 W
15 = 1500 W
Redundancy
N = None
R = Or-ing diode
Standard Options
000 = No options
001 = 3.3 Standby
002 = Short circuit latch-off
004 = Enable “0”
008 = (Inhibit/enable), DC OK “1”
016 = Fan fail signal (optional)
032 = I
2C interface
064 = AC line descriminator
128 = Temp OK “0”
256 = Module present “0”
Note: for combinations of options simply
add option codes together.
Auxiliary Fan
Voltage
N = None
3 = 12 V @ 4 A
5 = 24 V @ 2 A
HPS
XXX
Size
3 = 3U
HPR
Standard Options
00 = No options
01 = computer option
Special Options
& Modifications
Contact Astec.
XXX
Special Options
& Modifications
Contact Astec.
Notes:
1. Specifications subject to change without notice
2. All dimentions are in inches (mm), toleance is ± .02”
3. Specifications are at factory settings
4. Warranty: 1 Yr
5. For combinations of options simply add option codes
together.
--
-
---
H
HPPRR33 M
Moodduullee BBllaannkk PPaanneell::
Astec P/N 73-536-026
H
HPPRR33 LLooggiicc BBllaannkk PPaanneell::
Astec P/N 73-536-027


Similar Part No. - HPS12Y-A3R-008

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HPS12C JLWORLD-HPS12C Datasheet
55Kb / 1P
   PIEZO SOUND GENERATORS
HPS12D JLWORLD-HPS12D Datasheet
58Kb / 1P
   PIEZO SOUND GENERATORS
HPS12F JLWORLD-HPS12F Datasheet
69Kb / 1P
   PIEZO SOUND GENERATORS
HPS12G JLWORLD-HPS12G Datasheet
241Kb / 1P
   Value Applying Rated Voltage
HPS12L JLWORLD-HPS12L Datasheet
515Kb / 1P
   Value Applying Rated Voltage
More results

Similar Description - HPS12Y-A3R-008

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS10 ASTEC-HPS10 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
logo
XP Power Limited
JCG1512S12 XPPOWER-JCG1512S12 Datasheet
131Kb / 2P
   12/15 Watts JCG Series
logo
Lite-On Technology Corp...
PA-1650-58 LITEON-PA-1650-58 Datasheet
390Kb / 3P
   Industrial Adapter Power Delivery 5/9/12/15/20V Series
PA-1450-50 LITEON-PA-1450-50 Datasheet
412Kb / 3P
   Industrial Adapter Power Delivery 5/9/12/15/20V Series
logo
AAEON Technology
OMNI-315M AAEON-OMNI-315M Datasheet
495Kb / 2P
   15” Touch Display Monitor, DC 12~30V
logo
Analog Devices
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
logo
WAGO Kontakttechnik Gmb...
756-3201-120-150 WAGO-756-3201-120-150 Datasheet
100Kb / 3P
   Connecting cable; 12-pole; Length: 15 m
logo
Analog Devices
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com