Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6718L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON6718L
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6718L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON6718L Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
Features
(VGS = 10V)
(VGS = 10V)
(VGS = 4.5V)
- RoHS Compliant
100% UIS Tested!
- Halogen Free
100% R g Tested!
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
14.2
17
42
60
RθJC
1.2
1.5
ID = 80A
RDS(ON) < 3.7mΩ
TC=25°C
2.5
33
TC=100°C
40
210
Pulsed Drain Current
C
Continuous Drain
Current
G
Junction and Storage Temperature Range
-55 to 150
°C
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
°C/W
Parameter
RθJA
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
30
AON6718L
N-Channel Enhancement Mode Field Effect Transistor
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
SRFET
TM AON6718L uses advanced trench technology
with a monolithically integrated Schottky diode to provide
excellent RDS(ON),and low gate charge. This device is
ideally suited for use as a low side switch in CPU core
power conversion.
RDS(ON) < 5mΩ
VDS (V) = 30V
Repetitive avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
15
Continuous Drain
Current
80
19
A
A
TA=25°C
IDSM
A
TA=70°C
ID
80
63
TC=25°C
TC=100°C
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
83
1.6
TA=25°C
Maximum Junction-to-Case
Steady-State
°C/W
Steady-State
°C/W
Maximum Junction-to-Ambient
A D
SRFET TM
G
D
S
SRFET
TM
S
oft Recovery MOSFET:
Integrated Schottky Diode
DFN5X6
Fits SOIC8
footprint !
Top View
G
S
S
S
D
D
D
D
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AON6718L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6710 AOSMD-AON6710 Datasheet
190Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AON6712 AOSMD-AON6712 Datasheet
155Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AON6716 AOSMD-AON6716 Datasheet
285Kb / 7P
   30V N-Channel MOSFET
More results

Similar Description - AON6718L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com