Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-2033-200-B Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-2033-200-B
Description  SMD CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-2033-200-B Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-2033-200-B Datasheet HTML 1Page - ECS, Inc. ECS-2033-200-B Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECS-2025/2033
SMD CLOCK OSCILLATOR
ECS-2025 (2.5V) and ECS-2033 (3.3V) subminiature SMD
oscillators. Ideal for today's high density applications.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECS-2025 (+2.5V)
ECS-2033 (+3.3V)
MIN
MIN
TYP
TYP
MAX
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
UNITS
CMOS
VOH
VOL
Pin 1 = VIL
@ 50% VDD level
10% VDD to 90% level
Option C
0.75 to 20 MHz
20.1 to 40 MHz
40.1 to 60 MHz
60.1 to 75 MHz
Option A
Option B
VDD
Standard
Extended (N Option)
Startup time
Aging
Disable delay time
"1" level
"0" level
Input Current
Stand-by Current
Frequency Range
Operating Temperature
Storage Temperature
Supply Voltage
Frequency Stability *
Output Symmetry
Rise and Fall Times
Output Load
0.750
0.750
-10
-40
-55
+2.375
90% VDD
90% VDD
90% VDD
MHz
°C
°C
°C
VDC
ppm
ppm
ppm
mA
mA
mA
mA
µA
%
ns
VDC
VDC
pF
ns
ms
ppm
75.000
+70
+85
+100
+2.625
± 100
+3.3
-10
10
10
90% VDD
+70
+85
+100
+3.465
± 100
± 50
± 25
7
13
19
24
45/55
45/55
10
75.000
15
150
± 5
10
-40
-55
+3.135
± 50
± 25
5
9
11
14
40/60
10
10% VDD
10% VDD
15
150
10
± 5
DIMENSIONS (mm)
Note: Internal crystal oscillation to be halted
(Pin #1=VIL)
Note: Terminals (A & B) should
not be connected.
* Note: Inclusive of 25°C tolerance, operating temperature,input voltage change, load change, shock and vibration.
Figure 1) Top, Side and Bottom views
Figure 2) Suggested Land Pattern
PART NUMBERING GUIDE: Example ECS-2033-200-BN
Pin Connections
Tri-State Control Voltage
Pin #1
Pin #2
Pin #3
Pin #4
Pad 1
Open
VIH 70% VDD Min
VIL 30% VDD Max
Oscillation
No Oscillation
Oscillation
Pad 3
Low Voltage HCMOS
2.5 x 2.0 mm Footprint
Low current consumption
Pb Free/RoHS Compliant
ECS
-
Series
-
Frequency Abbreviation
-
Stability
Temperature
2025 = +2.5V
2033 = +3.3V
200 = 20.000 MHz
See Frequency
Abbreviations (Pg 2)
A = ± 100 ppm
B = ± 50 ppm
C = ± 25 ppm
Blank = -10 ~ +70°C
M = -20 ~ +70°C
N = -40 ~ +85°C
Tri-State
Ground
Output
VDD
+2.5


Similar Part No. - ECS-2033-200-B

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200-10-37B-CKY-TR ECS-ECS-200-10-37B-CKY-TR Datasheet
418Kb / 2P
   SMD CRYSTAL
Rev.2022
ECS-200-10-37QZ-AES-TR ECS-ECS-200-10-37QZ-AES-TR Datasheet
411Kb / 2P
   SMD CRYSTAL
Rev.2022
ECS-200-10-5PLXADL-TR ECS-ECS-200-10-5PLXADL-TR Datasheet
148Kb / 1P
   SMD Quartz Crystal
ECS-200-10-5PLXADL-TR ECS-ECS-200-10-5PLXADL-TR Datasheet
596Kb / 2P
   The CSM-7X is an excellent choice for a low cost SMD Crystal.
More results

Similar Description - ECS-2033-200-B

ManufacturerPart #DatasheetDescription
logo
TEMEX
RXO7050M TEMEX-RXO7050M Datasheet
815Kb / 9P
   SMD Clock Oscillator
logo
ECS, Inc.
ECS-327KE ECS-ECS-327KE Datasheet
513Kb / 2P
   SMD CLOCK OSCILLATOR
ECS-1633 ECS-ECS-1633 Datasheet
804Kb / 1P
   SMD CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-1633 ETC2-ECS-1633 Datasheet
804Kb / 1P
   SMD CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2532HS ECS-ECS-2532HS_12 Datasheet
1Mb / 3P
   SMD CLOCK OSCILLATOR
ECS-2532HS ECS-ECS-2532HS Datasheet
194Kb / 2P
   SMD CLOCK OSCILLATOR
logo
RSG Electronic Componen...
CXO5032T3 RSG-CXO5032T3 Datasheet
44Kb / 1P
   SMD Clock Oscillator
logo
ECS, Inc.
ECS-3951M ECS-ECS-3951M Datasheet
120Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-327SMO ECS-ECS-327SMO Datasheet
136Kb / 1P
   SMD CLOCK OSCILLATOR
logo
TEMEX
RMF2520S TEMEX-RMF2520S Datasheet
495Kb / 7P
   SMD Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com