Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-2532HS-200-3-F-N Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECS-2532HS-200-3-F-N
Description  SMD CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-2532HS-200-3-F-N Datasheet(HTML) 2 Page - ECS, Inc.

  ECS-2532HS-200-3-F-N Datasheet HTML 1Page - ECS, Inc. ECS-2532HS-200-3-F-N Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECS-2532HS
SMD CLOCK OSCILLATOR
ECS-2018 (1.8V) subminiature SMD oscillators. Ideal for
todays's high density applications.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
FREQUENCY
MHz
Package Data
Item
Description
CODE
Frequency Abbreviations
TAPE DIMENSIONS (mm)
20.000
24.000
27.000
44.000
32.000
40.000
26.000
22.1184
200
240
270
440
320
400
260
221
Lid
Metal
Ceramic
AuSn
Tungsten (metalized)
Compliant (Pb Free)
Gold/Nickel
(Surface)/(Under)
Base
Sealing
Terminal
Plating
RoHS


Similar Part No. - ECS-2532HS-200-3-F-N

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-2532HS-221-3-G-TR ECS-ECS-2532HS-221-3-G-TR Datasheet
1Mb / 3P
   SMD CLOCK OSCILLATOR
ECS-2532HS-240-3-G-TR ECS-ECS-2532HS-240-3-G-TR Datasheet
1Mb / 3P
   SMD CLOCK OSCILLATOR
ECS-2532HS-260-3-G-TR ECS-ECS-2532HS-260-3-G-TR Datasheet
1Mb / 3P
   SMD CLOCK OSCILLATOR
ECS-2532HS-270-3-G-TR ECS-ECS-2532HS-270-3-G-TR Datasheet
1Mb / 3P
   SMD CLOCK OSCILLATOR
More results

Similar Description - ECS-2532HS-200-3-F-N

ManufacturerPart #DatasheetDescription
logo
TEMEX
RXO7050M TEMEX-RXO7050M Datasheet
815Kb / 9P
   SMD Clock Oscillator
logo
ECS, Inc.
ECS-327KE ECS-ECS-327KE Datasheet
513Kb / 2P
   SMD CLOCK OSCILLATOR
ECS-1633 ECS-ECS-1633 Datasheet
804Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-2025 ECS-ECS-2025 Datasheet
249Kb / 2P
   SMD CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-1633 ETC2-ECS-1633 Datasheet
804Kb / 1P
   SMD CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2532HS ECS-ECS-2532HS_12 Datasheet
1Mb / 3P
   SMD CLOCK OSCILLATOR
logo
RSG Electronic Componen...
CXO5032T3 RSG-CXO5032T3 Datasheet
44Kb / 1P
   SMD Clock Oscillator
logo
ECS, Inc.
ECS-3951M ECS-ECS-3951M Datasheet
120Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-327SMO ECS-ECS-327SMO Datasheet
136Kb / 1P
   SMD CLOCK OSCILLATOR
logo
TEMEX
RMF2520S TEMEX-RMF2520S Datasheet
495Kb / 7P
   SMD Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com