Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT9606 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOT9606
Description  600V, 8A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT9606 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOT9606 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT9606 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT9606 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT9606 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT9606 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT9606 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AOT8N60/AOTF8N60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 12: Normalized Maximum Transient Thermal Impedance for AOT8N60 (Note F)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJC.RθJC
RθJC=0.45°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 13: Normalized Maximum Transient Thermal Impedance for AOTF8N60 (Note F)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJC.RθJC
RθJC=2.5°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOT9606

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOT9606 VBSEMI-AOT9606 Datasheet
1Mb / 10P
   N-Channel 6 50V (D-S) Power MOSFET
More results

Similar Description - AOT9606

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
KNX4760A KIA-KNX4760A Datasheet
341Kb / 7P
   8A 600V N-CHANNEL MOSFET
logo
E-CMOS Corporation
EC7408N60 E-CMOS-EC7408N60 Datasheet
339Kb / 5P
   600V, 8A N-Channel Power MOSFET
logo
Renesas Technology Corp
N6008NZ RENESAS-N6008NZ Datasheet
260Kb / 8P
   N-channel MOSFET 600V, 8A, 0.75Ω
Feb 18, 2013
logo
Unisonic Technologies
8N60 UTC-8N60_11 Datasheet
229Kb / 8P
   8A, 600V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDF8N60 MGCHIP-MDF8N60 Datasheet
751Kb / 6P
   N-Channel MOSFET 600V, 8A, 1.0(ohm)
MDF8N60B MGCHIP-MDF8N60B Datasheet
840Kb / 6P
   N-Channel MOSFET 600V, 8A, 1.05(ohm)
MDP8N60 MGCHIP-MDP8N60 Datasheet
997Kb / 6P
   N-Channel MOSFET 600V, 8A, 1.0(ohm)
logo
ON Semiconductor
NGTB05N60R2DT4G ONSEMI-NGTB05N60R2DT4G Datasheet
527Kb / 7P
   IGBT 600V, 8A, N-Channel
January 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com