Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT412 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOT412
Description  N-Channel SDMOSTM Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT412 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOT412 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT412 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT412 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT412 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT412 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT412 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOT412 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AOT412
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
40
0
2
4
6
8
10
0
1020
3040
50
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
400
800
1200
1600
2000
2400
2800
3200
3600
0
20406080
100
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
200
400
600
800
1000
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Coss
Crss
VDS=50V
ID=20A
Single Pulse
D=Ton/T
TJ,PK=TC+PDM.ZθJC.RθJC
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=175°C
TC=25°C
10
µs
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
1000
VDS (Volts)
Figure 9: Maximum Forward Biased
Safe Operating Area (Note F)
10
µs
10ms
1ms
DC
RDS(ON)
limited
TJ(Max)=175°C
TC=25°C
100
µs
RθJC=1°C/W
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOT412

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT412 ISC-AOT412 Datasheet
282Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT412

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD4136 AOSMD-AOD4136 Datasheet
156Kb / 6P
   N-Channel SDMOSTM POWER Transistor
AOD472A AOSMD-AOD472A Datasheet
158Kb / 7P
   N-Channel SDMOSTM POWER Transistor
AOD4140 AOSMD-AOD4140 Datasheet
202Kb / 7P
   N-Channel SDMOSTM POWER Transistor
AOD4142 AOSMD-AOD4142 Datasheet
151Kb / 7P
   N-Channel SDMOSTM POWER Transistor
AOD4144 AOSMD-AOD4144 Datasheet
161Kb / 7P
   N-Channel SDMOSTM Power Transistor
AOD452A AOSMD-AOD452A Datasheet
289Kb / 7P
   N-Channel SDMOSTM POWER Transistor
AOI452A AOSMD-AOI452A Datasheet
297Kb / 7P
   N-Channel SDMOSTM Power Transistor
logo
Infineon Technologies A...
IPP881N08NG INFINEON-IPP881N08NG Datasheet
226Kb / 6P
   n-channel Power-Transistor
Rev. 2.1 2008-06-19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com