Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1117TI-25L Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ1117TI-25L
Description  1A Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1117TI-25L Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOZ1117TI-25L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1117TI-25L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1117TI-25L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1117TI-25L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1117TI-25L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1117TI-25L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1117TI-25L Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1117TI-25L Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Rev. 1.1 September 2008
www.aosmd.com
Page 6 of 8
AOZ1117
Package Dimensions, TO252-3L
Notes:
1. Package body sizes exclude mold flash and gate burrs. Mold flash should be less than 6 mils.
2. Dimension L is measured in gauge plane.
3. Tolerance 0.10mm unless otherwise specified.
4. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
5. Refer to JEDEC TO-252(AA).
Symbols
A
A1
A2
b
b1
b2
c
c1
D
E
e
e1
H
L
L1
L2
L3
Dimensions in millimeters
RECOMMENDED LAND PATTERN
DETAIL ‘D’
DETAIL ‘E’
Min.
2.184
0.000
0.889
0.635
0.762
4.953
0.450
0.450
5.969
6.350
9.398
1.270
0.635
0.889
Nom.
2.286
0.762
0.508
6.096
6.604
2.286 BSC
4.572 BSC
0.508 BSC
Max.
2.388
0.127
1.143
0.889
1.143
5.461
0.610
0.610
6.223
6.731
10.414
2.032
1.016
1.270
E
b2
123
L3
A
A2
c1
H
c
D
Optional
Option 1
Option 2
Optional
See Detail ‘E’
See Detail ‘D’
Seating Plane
A1
0
° to 10°
6.80 Min.
1.50 Min.
4.572 BSC
3.00 Min.
UNIT: mm
2.286
6.25 Min.
6.60
Gauge Plane
L2
L
L1
e
e1
b1
b 3 places
.010"
.004"
Symbols
A
A1
A2
b
b1
b2
c
c1
D
E
e
e1
H
L
L1
L2
L3
Dimensions in inches
Min.
0.086
0.000
0.035
0.025
0.030
0.195
0.018
0.018
0.235
0.250
0.370
0.050
0.025
0.035
Nom.
0.090
0.030
0.020
0.240
0.260
0.090 BSC
0.180 BSC
0.020 BSC
Max.
0.094
0.005
0.045
0.035
0.045
0.215
0.024
0.024
0.245
0.265
0.410
0.080
0.040
0.050


Similar Part No. - AOZ1117TI-25L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1110 AOSMD-AOZ1110 Datasheet
702Kb / 16P
   4A Synchronous EZBuck Regulator
AOZ1110QI AOSMD-AOZ1110QI Datasheet
681Kb / 16P
   Efficiency up to 95%
More results

Similar Description - AOZ1117TI-25L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com