Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1117TI-33L Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ1117TI-33L
Description  1A Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1117TI-33L Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ1117TI-33L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1117TI-33L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1117TI-33L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1117TI-33L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1117TI-33L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1117TI-33L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1117TI-33L Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1117TI-33L Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev. 1.1 September 2008
www.aosmd.com
Page 4 of 8
AOZ1117
Electrical Characteristics
Under Operating Conditions
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
2. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference between
input and output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
3. Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential the device is
guaranteed to regulate if the output current is greater than 10mA.
4. Output is connected to the multi-layer PCB cupper area 10mm x 10mm separately. If you need large PD or lower Tc & Tj, please connect to the
large copper area > 10mm x 10mm.
Parameter
Device
Conditions
Min.
Typ.
Max
Unit
Operation Input Voltage
All
2.75
14
V
Reference Voltage
AOZ1117-ADJ
TJ = 25°C, (VIN-OUT) = 1.5V, IOUT = 10mA
1.225
1.250
1.275
V
Output Voltage
AOZ1117-1.5
IOUT = 10mA, TJ = 25°C, 3V ≤ VIN ≤ 12V
1.470
1.500
1.530
V
AOZ1117-1.8
IOUT = 10mA, TJ = 25°C, 3.3V ≤ VIN ≤ 12V
1.764
1.800
1.836
V
AOZ1117-2.5
IOUT = 10mA, TJ = 25°C, 4V ≤ VIN ≤ 12V
2.450
2.500
2.550
V
AOZ1117-3.3
IOUT = 10mA, TJ = 25°C, 4.8V ≤ VIN ≤ 12V
3.235
3.300
3.365
V
AOZ1117-5.0
IOUT = 10mA, TJ = 25°C, 6.5V ≤ VIN ≤ 12V
4.900
5.000
5.100
V
Line Regulation(1)(2)
All
VIN = VOUT+1.5V~7V, IO = 10mA, TJ = 25°C
0.1
0.3
%
VIN = VOUT+1.5V~12V, IO = 10mA, TJ =
25°C
0.1
0.5
%
Load Regulation(1)(2)
AOZ1117-ADJ
VIN = 3V, Vadj = 0,10mA < IO <1A, TJ = 25°C
1
%
AOZ1117-1.5
VIN = 3V, 10mA < IO < 1A, TJ = 25°C
12
15
mV
AOZ1117-1.8
VIN = 3.3V, 10mA < IO < 1A, TJ = 25°C
15
18
mV
AOZ1117-2.5
VIN = 4V, 10mA < IO < 1A, TJ = 25°C
20
25
mV
AOZ1117-3.3
VIN = 5V, 10mA ≤ IOUT ≤ 1A, TJ = 25°C
26
33
mV
AOZ1117-5.0
VIN = 6.5V, 10mA ≤ IOUT ≤ 1A, TJ = 25°C
40
50
mV
Dropout Voltage
(VIN–VOUT)
All
IOUT = 1A, VOUT = 1% VOUT
1.3
1.4
V
Current Limit
All
VIN – VOUT = 3V
1. 1
A
Minimum Load Current
All
0°C ≤ Tj ≤ 125°C
5
10
mA
Ripple Rejection
All
VIN = VOUT + 3V, f = 120Hz, COUT = 25µF
Tantalum
60
70
dB
Temperature Stability
All
IO = 10mA
0.5
%
Thermal Resistance (
θJA )
All
Junction-to-Ambient
(No heat sink; no air flow)
92
°C/W
Junction-to-Ambient(4)
55
Thermal Resistance (
θJC)
All
Junction-to-Case
10
°C/W


Similar Part No. - AOZ1117TI-33L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1110 AOSMD-AOZ1110 Datasheet
702Kb / 16P
   4A Synchronous EZBuck Regulator
AOZ1110QI AOSMD-AOZ1110QI Datasheet
681Kb / 16P
   Efficiency up to 95%
More results

Similar Description - AOZ1117TI-33L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com