Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1320CI-02 Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOZ1320CI-02
Description  Load Switch with Controlled Slew Rate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1320CI-02 Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AOZ1320CI-02 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1320CI-02 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1320CI-02 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1320CI-02 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1320CI-02 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1320CI-02 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1320CI-02 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1320CI-02 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1320CI-02 Datasheet HTML 11Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Rev. 1.6 August 2008
www.aosmd.com
Page 7 of 18
AOZ1320
Typical Characteristics (Continued)
AOZ1320-02, AOZ1320-05
Turn-On
(VIN = 3V, R = 6Ω)
CH1: On/Off (5V/div)
CH2: VOUT (2V/div)
CH3: IIN (200mA/div)
Time: 50µS/div
Turn-On
(VIN = 5V, R = 10Ω)
CH1: On/Off (5V/div)
CH2: VOUT (2V/div)
CH3: IIN (200mA/div)
Time: 50µS/div
Turn-Off
(VIN = 3V, R = 6Ω)
CH1: On/Off (5V/div)
CH2: VOUT (2V/div)
CH3: IIN (200mA/div)
Time: 50µS/div
Turn-Off
(VIN = 5V, R = 10Ω)
CH1: On/Off (5V/div)
CH2: VOUT (2V/div)
CH3: IIN (200mA/div)
Time: 50µS/div


Similar Part No. - AOZ1320CI-02

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
AOZ1321DI-01L AOSMD-AOZ1321DI-01L Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
AOZ1321DI-02L AOSMD-AOZ1321DI-02L Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
AOZ1321DI-03L AOSMD-AOZ1321DI-03L Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
AOZ1321DI-04L AOSMD-AOZ1321DI-04L Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
More results

Similar Description - AOZ1320CI-02

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com