Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1321DI-06L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ1321DI-06L
Description  Load Switch with Controlled Slew Rate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1321DI-06L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ1321DI-06L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1321DI-06L Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 1.1 August 2008
www.aosmd.com
Page 1 of 15
AOZ1321DI
Load Switch with Controlled Slew Rate
General Description
The AOZ1321DI is a P-channel high-side load switch
with controlled slew rate. Three slew rate options are
available. The AOZ1321DI-01L and AOZ1321DI-04L
have slew rates of 800us. The AOZ1321DI-02L and
AOZ1321DI -05L feature fast Slew Rate (less than 1µs).
The slew rate of AOZ1321DI-03L and AOZ1321DI-06L is
100µs. The AOZ1321DI-03L, AOZ1321DI-04L, and
AOZ1321DI-05L provide an output discharge circuit to
quickly discharge the output when the switch is disabled.
The P-channel MOSFET has typical on resistance of
60m
Ω. The very low R
DS(ON) significantly reduces the
power path dissipation. The input voltage range of
AOZ1321DI is from 1.6V to 5.5V. The control input is
compatible with both TTL and CMOS logic. Ultra low
quiescent current makes this product suitable for any
portable applications.
The AOZ1321DI is available in 4-pin 1.2x1.6 DFN
package and is rated over the -40°C to +85°C ambient
temperature range.
Features
1.6V to 5.5V input voltage range
Low RDS(ON) (60mΩ typical at 5V)
Controlled turn-on slew rate
800µs (AOZ1321DI-01L, -04L)
100µs (AOZ1321DI-03L, -06L)
1µs (AOZ1321DI-02L, -05L)
Output discharge function (-03L, -04L, -05L)
Low quiescent current (1.0µA typical)
Low shutdown current (<1µA)
4kV ESD Rating
Tiny 1.2x1.6 DFN package
Applications
Cellular phones
MP3 players
Personal media players
Notebook computers
Digital still cameras
Hot-swap applications
Typical Application
OUT
VIN
VOUT
IN
EN
GND
C2
1µF/10µF
C1
R1
OFF ON
AOZ1321DI


Similar Part No. - AOZ1321DI-06L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-01 AOSMD-AOZ1320CI-01 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-02 AOSMD-AOZ1320CI-02 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-03 AOSMD-AOZ1320CI-03 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1320CI-04 AOSMD-AOZ1320CI-04 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
More results

Similar Description - AOZ1321DI-06L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com