Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKL20540 Datasheet(PDF) 3 Page - celduc-relais

Part # SKL20540
Description  Solid State Relay for printed circuit board
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SKL20540 Datasheet(HTML) 3 Page - celduc-relais

  SKL20540 Datasheet HTML 1Page - celduc-relais SKL20540 Datasheet HTML 2Page - celduc-relais SKL20540 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Exemples de montage / Mounting examples
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
page 3 / 3 F/GB
r
e
l
a
i
s
celduc
www.celduc.com
S/MOD/SKL20540/C/15/09/2008
Surge current ITSM(Apeak)=f(t)
0
100
200
300
400
500
600
700
0,01
0 , 1
1
t (s)
ITSM(Apeak)
Surcharge de longues durées
Temps
60 s
100 s
Long time overload @ Tj init=45
°C
I (A)
20
15
Itsm non répétitif sans tension réappliquée/
No repetitive itsm without voltage reapplied
Itsm répétitif avec tension réappliquée /
Repetitive itsm with voltage reapplied
Fig 3 :Courants de surcharge
admissibles /
Surge current Itsm.
Printed circuit board
4 mm to
respect
insulation
M3
26,5mm
omplementary heatsink if necessary
,9mm ± 0,15
4mm
isolant
51
Clips reference : 1L941000
clips : 1L942000
Dans tous les cas,mettre une cale isolante de 4 mm sous le dissipateur afin de respecter les distances minimales d'isolation entre
entrée et sortie. / In each case , 4mm must be respected between the printed circuit board and the heatsink , to keep a correct
insulation between input to output (4mm insulated washer )
Bien s'assurer lors du montage que le relais plaque au dissipateur. Utiliser de la graisse thermique.
/ Mind to the good contact between the SSR and the heatsink . Use thermal grease.
Dissipateurs thermiques avec clips de montage ( Max Clip System (*))
Montage sur divers dissipateurs et clips à vis/ Clips with screws on standard heatsinks
graisse thermique /
Thermal grease
graisse thermique /
Thermal grease
celduc HEATSINKS references ( Aavid Thermalloy S507):
WF042000: L=100mm about 4K/W (1SSR) without ventilation (3,6K/W with 4SSRs )
WF032000: L=150mm about 3K/W (1SSR) without ventilation (2,6K/W with 6SSRs )
autres dissipateurs sur demande / a large range is also available on request
Clip max 23 Aavid Thermalloy
* The Max Clip System of Aavid Thermalloy , Patented Worldwide ( patent N
°9805561)


Similar Part No. - SKL20540

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SKL20520 CELDUC-SKL20520 Datasheet
479Kb / 3P
   Solid State Relay for printed circuit board
More results

Similar Description - SKL20540

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SKH10521 CELDUC-SKH10521 Datasheet
183Kb / 3P
   Solid State Relay for printed circuit board
SKL20220 CELDUC-SKL20220 Datasheet
377Kb / 3P
   Solid State Relay for printed circuit board
SKL10121 CELDUC-SKL10121 Datasheet
209Kb / 3P
   Solid State Relay for printed circuit board
SKL10520 CELDUC-SKL10520 Datasheet
480Kb / 3P
   Solid State Relay for printed circuit board
SKL20241 CELDUC-SKL20241 Datasheet
483Kb / 3P
   Solid State Relay for printed circuit board
SKL20520 CELDUC-SKL20520 Datasheet
479Kb / 3P
   Solid State Relay for printed circuit board
SKL20740 CELDUC-SKL20740 Datasheet
524Kb / 3P
   Solid State Relay for printed circuit board
SKH20120 CELDUC-SKH20120 Datasheet
274Kb / 3P
   Solid State Relay for printed circuit board
SKL15240 CELDUC-SKL15240 Datasheet
168Kb / 3P
   Solid State Relay for printed circuit board
SKA20460 CELDUC-SKA20460 Datasheet
89Kb / 3P
   SOLID STATE RELAY FOR PRINTED CIRCUIT BOARD
SKL10220 CELDUC-SKL10220 Datasheet
202Kb / 3P
   Solid State Relay for printed circuit board
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com