Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCW6020 Datasheet(PDF) 10 Page - celduc-relais

Part # SMCW6020
Description  Solid State Relays For Motor Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SMCW6020 Datasheet(HTML) 10 Page - celduc-relais

Back Button SMCW6020 Datasheet HTML 6Page - celduc-relais SMCW6020 Datasheet HTML 7Page - celduc-relais SMCW6020 Datasheet HTML 8Page - celduc-relais SMCW6020 Datasheet HTML 9Page - celduc-relais SMCW6020 Datasheet HTML 10Page - celduc-relais SMCW6020 Datasheet HTML 11Page - celduc-relais SMCW6020 Datasheet HTML 12Page - celduc-relais SMCW6020 Datasheet HTML 13Page - celduc-relais SMCW6020 Datasheet HTML 14Page - celduc-relais Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
celduc
®
r
e
l
a
i
s
S/MOT/SMCW6020/B/05/07/99
1W240040
Page 10/16
Solid State Relays
For Motor Control
STANDARDS
IMMUNITY LEVEL WITHIN ELECTROMAGNETIC COMPATIBILITY (E.M.C.)
CHARACTERISTICS
LABELS
VALUES
(Given at 20°C ambient unless otherwise specified)
REMARKS
Electrostatic discharges
EN
61000-4-2
8kV in the air
4kV contact
No state
changing or
destruction
Radiated Electromagnetic Fields
EN
61000-4-3
10V/m
No state
changing or
destruction
Fast Transient Bursts
EN
61000-4-4
2kV direct coupling on the power side
2kV clamped coupling on the input side
No state
changing or
destruction
Electric chocks
EN
61000-4-5
1kV direct coupling differential mode (Input and output sides)
2kV direct coupling common mode (Input and output sides)
No state
changing or
destruction
Voltage Drop
EN
61000-4-11
EMISSION LEVEL WITHIN ELECTROMAGNETIC COMPATIBILITY (E.M.C.)
CHARACTERISTICS
LABELS
VALUES
(Given at 20°C ambient unless otherwise specified)
REMARKS
Conducted Disturbances
EN55011
In compliance with the standards
for industrial field
In compliance with the standards
for domestic field with an external bypass contactor
Radiated Disturbances
EN55011
<30dbµV for the frequency range 30->230MHz
<37dbµV for the frequency range 230->1000MHz
Remarks Concerning Filtering
The conducted or radiated disturbances generated by solid
state relays depend on the wiring and load configuration.
The test method recommended by the European standards
and concerning electromagnetic compatibility leading to results
far from reality, we decided to advise our customer in order to
adapt their filtering scheme to their application.
The
European
standard
EN60947-4-2
requires
the
measurement to be done at full on state (end of the softstarting
period). Therefore, our products are below the industrial field
required levels on inductive load like the induction motor and
no additional filter is needed.
The starting period that may last several minutes
generates enough interference to disturb sensitive devices
located near the softstarter. If any, please contact us so that we
can help you to choose the right filter.
LOW VOLTAGE DIRECTIVE
CHARACTERISTICS
LABELS
VALUES
(Given at 20°C ambient unless otherwise specified)
REMARKS
Standard
EN60947-4-2
Protection Level
IP
2L0
Protection For Direct Touch
According to V.D.E. 160 part 100 : Back hand and finger safety
APPROVALS
CHARACTERISTICS
LABELS
VALUES
(Given at 20°C ambient unless otherwise specified)
REMARKS
CE Marking
EN
60947-4-2
Yes
c UL US
UL508
Pending
VDE 0805
EN60950
Pending
Office
environment


Similar Part No. - SMCW6020

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SMCW6080 CELDUC-SMCW6080 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
More results

Similar Description - SMCW6020

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SMCW6080 CELDUC-SMCW6080 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6110 CELDUC-SMCW6110 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6150 CELDUC-SMCW6150 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6151 CELDUC-SMCW6151 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
logo
Omron Electronics LLC
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
   Solid State Relays for Heaters
logo
SHINMEI ELECTRIC CO., L...
RPK SHINMEI-RPK Datasheet
119Kb / 3P
   Automotive Relays for motor control
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com