Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCW6150 Datasheet(PDF) 9 Page - celduc-relais

Part # SMCW6150
Description  Solid State Relays For Motor Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SMCW6150 Datasheet(HTML) 9 Page - celduc-relais

Back Button SMCW6150 Datasheet HTML 5Page - celduc-relais SMCW6150 Datasheet HTML 6Page - celduc-relais SMCW6150 Datasheet HTML 7Page - celduc-relais SMCW6150 Datasheet HTML 8Page - celduc-relais SMCW6150 Datasheet HTML 9Page - celduc-relais SMCW6150 Datasheet HTML 10Page - celduc-relais SMCW6150 Datasheet HTML 11Page - celduc-relais SMCW6150 Datasheet HTML 12Page - celduc-relais SMCW6150 Datasheet HTML 13Page - celduc-relais Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
celduc
®
r
e
l
a
i
s
S/MOT/SMCW6150/A/22/07/99
1W240020
Page 9/16
Solid State Relays
For Motor Control
GENERAL
Fig. 18
DIMENSIONS
83
celduc
2T1
4T2
6T3
1L1
3L2
5L3
1L1
3L2
5L3
2T1
4T2
6T3
Motor
Softstarter
Made in
France
®
Stop / Load
Supply
Start / Line
Urg.
Stop
Ctrl
Byp.
0V
+
1
2
3
4
5
6
Time(s)
Torque
0
4
0.25
64
32
16
0,5
1
2
8
0.6
0.2
1
0.9
0.8
0.3 0.4
0.5
0.7
0
Initial
Diag.
110
230VAC
CHARACTERISTICS OF THE THERMAL PROTECTION
CHARACTERISTICS
LABELS
VALUES
(Given at 20°C ambient unless otherwise specified)
REMARKS
Contact Type
Normally close
Closing Temperature
90°C +/- 3°C
Opening Temperature
80°C
Nom. Voltage
250VAC/DC
Nom. Current
6A
Contact Resistance
10m
Isolation Between Opened Contacts
10G
Isolation Between Contacts and
Housing
4kV
Isolation Resistance
10G
Connections
2,8mm flat tabs or welded wires
CHARACTERISTICS OF THE FAN
CHARACTERISTICS
LABELS
VALUES
(Given at 20°C ambient unless otherwise specified)
REMARKS
Motor
Shaded pole induction motor
Supply Voltage
230VAC
Consumption
9W 68mA
Supply Frequency
50->60Hz
Speed
2600 RPM
Noise Level
35dbA
Connections
2,8mm flat tabs


Similar Part No. - SMCW6150

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SMCW6151 CELDUC-SMCW6151 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
More results

Similar Description - SMCW6150

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SMCW6020 CELDUC-SMCW6020 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6080 CELDUC-SMCW6080 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6110 CELDUC-SMCW6110 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
SMCW6151 CELDUC-SMCW6151 Datasheet
1Mb / 16P
   Solid State Relays For Motor Control
logo
Omron Electronics LLC
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
   Solid State Relays for Heaters
logo
SHINMEI ELECTRIC CO., L...
RPK SHINMEI-RPK Datasheet
119Kb / 3P
   Automotive Relays for motor control
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com