Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP1233UU1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP1233UU1
Description  Photo Modules for PCM Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1233UU1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP1233UU1 Datasheet HTML 1Page - Vishay Siliconix TSOP1233UU1 Datasheet HTML 2Page - Vishay Siliconix TSOP1233UU1 Datasheet HTML 3Page - Vishay Siliconix TSOP1233UU1 Datasheet HTML 4Page - Vishay Siliconix TSOP1233UU1 Datasheet HTML 5Page - Vishay Siliconix TSOP1233UU1 Datasheet HTML 6Page - Vishay Siliconix TSOP1233UU1 Datasheet HTML 7Page - Vishay Siliconix TSOP1233UU1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSOP12..UU1
Vishay Telefunken
1 (8)
Rev. 4, 30-Mar 01
www.vishay.com
Document Number 83136
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type
fo
Type
fo
TSOP1230UU1
30 kHz
TSOP1233UU1
33 kHz
TSOP1236UU1
36 kHz
TSOP1237UU1
36.7 kHz
TSOP1238UU1
38 kHz
TSOP1240UU1
40 kHz
TSOP1256UU1
56 kHz
Description
The TSOP12..UU1 – series are miniaturized receivers
for infrared remote control systems. PIN diode and
preamplifier are assembled on lead frame, the epoxy
package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. The main benefit is the
reliable function even in disturbed ambient and the
protection against uncontrolled output pulses.
13 642
Features
D Photo detector and preamplifier in one package
D Internal filter for PCM frequency
D Improved shielding against electrical field
disturbance
D TTL and CMOS compatibility
D Output active low
D Low power consumption
D Suitable burst length ≥10 cycles/burst
Special Features
D Enhanced immunity against all kinds of
disturbance light
D No occurrence of disturbance pulses at
the output
Block Diagram
94 8136
PIN
Input
AGC
Control
Circuit
Band
Pass
Demodu-
lator
80 k
W
1
2
3
VS
OUT
GND


Similar Part No. - TSOP1233UU1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1233 VISHAY-TSOP1233 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 30-Mar-01
TSOP12330 VISHAY-TSOP12330 Datasheet
259Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2022
TSOP12333 VISHAY-TSOP12333 Datasheet
259Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2022
TSOP12336 VISHAY-TSOP12336 Datasheet
259Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2022
TSOP12338 VISHAY-TSOP12338 Datasheet
259Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2022
More results

Similar Description - TSOP1233UU1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com