Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2054CS5 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2054CS5
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2054CS5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2054CS5 Datasheet HTML 4Page - Linear Technology LTC2054CS5 Datasheet HTML 5Page - Linear Technology LTC2054CS5 Datasheet HTML 6Page - Linear Technology LTC2054CS5 Datasheet HTML 7Page - Linear Technology LTC2054CS5 Datasheet HTML 8Page - Linear Technology LTC2054CS5 Datasheet HTML 9Page - Linear Technology LTC2054CS5 Datasheet HTML 10Page - Linear Technology LTC2054CS5 Datasheet HTML 11Page - Linear Technology LTC2054CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC2054/LTC2055
sn20545 20545fas
+
LTC2054
LT1634-1.25
+
VOUT
V+
10k
1
2
3
4
5
5
RSET
0 ≤ IOUT ≤ 100µA
0.2V ≤ VOUT ≤ (V
+) – 1.5V
+
LTC2054
LT1634-1.25
+
VOUT
V
1
2
3
4
RSET
20545 TA03
IOUT = ———
RSET
1.25V
IOUT = ———
RSET
1.25V
0 ≤ IOUT ≤ 100µA
(V) + 1.5V ≤ VOUT ≤ –1V
10k
TYPICAL APPLICATIO S
Ground Referred Precision Current Sources
+
1/2
LTC2055HV
+
1/2
LTC2055HV
1M
1M
1
3
2
2054 TA04
1k
1M
1k
1k
VOUT
8
4
7
5
6
V +
V
OUTPUT OFFSET ≤ 3mV
FOR 0.1% RESISTORS, CMRR = 54dB
+
VIN
20545 TA05
+
+
R1
1M
R2
1k
R3
1k
R4 1M
V+
2
8
1
4
3
6
7
5
VOUT
–VIN
+VIN
1/2
LTC2055
1/2
LTC2055
OUTPUT DC OFFSET ≤ 6mV
FOR 0.1% RESISTORS, CMRR = 54dB
C1
0.1µF
Instrumentation Amplifier with 100V Common Mode Input Voltage
Gain of 1001 Single Supply Instrumentation Amplifier


Similar Part No. - LTC2054CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054CS5 LINER-LTC2054CS5 Datasheet
199Kb / 12P
   Low Power Zero-Drift Operational Amplifiers
More results

Similar Description - LTC2054CS5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com