Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2054HS5 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2054HS5
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2054HS5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2054HS5 Datasheet HTML 2Page - Linear Technology LTC2054HS5 Datasheet HTML 3Page - Linear Technology LTC2054HS5 Datasheet HTML 4Page - Linear Technology LTC2054HS5 Datasheet HTML 5Page - Linear Technology LTC2054HS5 Datasheet HTML 6Page - Linear Technology LTC2054HS5 Datasheet HTML 7Page - Linear Technology LTC2054HS5 Datasheet HTML 8Page - Linear Technology LTC2054HS5 Datasheet HTML 9Page - Linear Technology LTC2054HS5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC2054/LTC2055
sn20545 20545fas
Common Mode Input Range vs
Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2054 Supply Current vs
Supply Voltage
LTC2054 Supply Current vs
Temperature
Transient Response
Output Overload Recovery
10µs/DIV
AV = 1
RL = 100k
CL = 50pF
VS = ±2.5V
VIN = 10kHz 2VP-P
20545 G10
–1
0
1
2ms/DIV
AV = –100
RL = 100k
VS = ±2.5V
20545 G11
0
–0.2
0
2.5
2ms/DIV
AV = –100
RL = 100k
VS = ±2.5V
20545 G12
0
–2.5
0
0.2
Output Overload Recovery
SUPPLY VOLTAGE (V)
0
4
6
11
10
9
8
20545 G13
2
0
246
1357
11
10
9
8
3
5
1
7
–40°C ≤ TA = 125°C
TOTAL SUPPLY VOLTAGE (V)
0
1
23
45
6
7
10
9
8
20545 G15
250
225
200
175
150
125
100
75
50
25
0
TEMPERATURE (°C)
20545 G16
250
225
200
175
150
125
100
75
50
25
0
–40
125
25
45
70
85
5
–15
VS = 3V
VS = 5V
VS = ±5V
LTC2055 Supply Current (Per
Amplifier) vs Supply Voltage
LTC2055 Supply Current (Per
Amplifier) vs Temperature
FREQUENCY (Hz)
40
50
70
90
100
10
10k
1k
20545 G19
0
100
80
60
20
30
10 AV = 100
VS = ±2.5V
Noise Spectrum
TOTAL SUPPLY VOLTAGE (V)
0
1
23
45
6
7
10
9
8
20545 G17
250
225
200
175
150
125
100
75
50
25
0
TEMPERATURE (°C)
20545 G18
250
225
200
175
150
125
100
75
50
25
0
–40
125
25
45
70
85
5
–15
VS = 3V
VS = 5V
VS = ±5V


Similar Part No. - LTC2054HS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054HV LINER-LTC2054HV Datasheet
199Kb / 12P
   Low Power Zero-Drift Operational Amplifiers
LTC2054HVCS5 LINER-LTC2054HVCS5 Datasheet
199Kb / 12P
   Low Power Zero-Drift Operational Amplifiers
LTC2054HVIS5 LINER-LTC2054HVIS5 Datasheet
199Kb / 12P
   Low Power Zero-Drift Operational Amplifiers
More results

Similar Description - LTC2054HS5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com