Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2055HVCDD Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2055HVCDD
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055HVCDD Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2055HVCDD Datasheet HTML 4Page - Linear Technology LTC2055HVCDD Datasheet HTML 5Page - Linear Technology LTC2055HVCDD Datasheet HTML 6Page - Linear Technology LTC2055HVCDD Datasheet HTML 7Page - Linear Technology LTC2055HVCDD Datasheet HTML 8Page - Linear Technology LTC2055HVCDD Datasheet HTML 9Page - Linear Technology LTC2055HVCDD Datasheet HTML 10Page - Linear Technology LTC2055HVCDD Datasheet HTML 11Page - Linear Technology LTC2055HVCDD Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC2054/LTC2055
sn20545 20545fas
cause the second form of clock feedthrough described
above, when averaged, dominate the DC input bias current
of the op amp below 70°C.
At temperatures above 70°C, the leakage of the ESD
protection diodes on the inputs increases the input bias
currents of both inputs in the positive direction, while the
current caused by the charge injection stays relatively
constant. At elevated temperatures (above 70°C) the
leakage current begins to dominate and both the negative
and positive pins’ input bias currents are in the positive
direction (into the pins).
Extended Common Mode Range
The LTC2054/LTC2055 input stage is designed to allow
nearly rail-to-rail input common mode signals. In addition,
signals that extend beyond the allowed input common
mode range do not cause output phase inversion.
APPLICATIO S I FOR ATIO
+
100k
–2.5V
2.5V
1k
OUTPUT
±3.75VP
SINE WAVE
LTC2054/55
2054 TA09
500µs/DIV
AV = 1
RL = 100k
VS = ±2.5V
VIN = 500Hz 7.5VP-P
2054 G19
0V
0V
Voltage Follower with Input Exceeding
the Common Mode Range
LTC2054/LTC2055
Extended Common Mode Range
+
5V
0.1µF
499k
0.1µF
499k
5
1
2
3
4
1µF
5V
AV = 100
20545 TA02
10kΩ
BRIDGE
LTC2054HV
–5V
LT1790-2.5
TYPICAL APPLICATIO S
Simple Differential Bridge Amplifier


Similar Part No. - LTC2055HVCDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LTC2055 LINER-LTC2055 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2055HVCDD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com