Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2055IDD Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2055IDD
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055IDD Datasheet(HTML) 2 Page - Linear Technology

  LTC2055IDD Datasheet HTML 1Page - Linear Technology LTC2055IDD Datasheet HTML 2Page - Linear Technology LTC2055IDD Datasheet HTML 3Page - Linear Technology LTC2055IDD Datasheet HTML 4Page - Linear Technology LTC2055IDD Datasheet HTML 5Page - Linear Technology LTC2055IDD Datasheet HTML 6Page - Linear Technology LTC2055IDD Datasheet HTML 7Page - Linear Technology LTC2055IDD Datasheet HTML 8Page - Linear Technology LTC2055IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC2054/LTC2055
sn20545 20545fas
5 V +
4 –IN
OUT 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
V 2
+IN 3
1
2
3
4
OUT A
–IN A
+IN A
V
8
7
6
5
V +
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
UNDERSIDE METAL INTERNALLY
CONNECTED TO V
(PCB CONNECTION OPTIONAL)
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V
V+
OUT B
–IN B
+IN B
Total Supply Voltage (V+ to V )
LTC2054/LTC2055 .................................................. 7V
LTC2054HV/LTC2055HV ....................................... 12V
Input Voltage ........................ (V + + 0.3V) to (V – 0.3V)
Input Current ...................................................... ±10mA
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range ............. – 40°C to 125°C
Specified Temperature Range (Note 3) – 40°C to 125°C
Storage Temperature Range ................ – 65°C to 150°C
DD Package ...................................... – 65°C to 125°C
Lead Temperature (Soldering, 10 sec)................. 300°C
(Note 1)
ORDER PART
NUMBER*
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TJMAX = 150°C, θJA = 200°C/W
TJMAX = 125°C, θJA = 160°C/W, NOTE 5
DD PART
MARKING
LTC2055CDD
LTC2055HVCDD
LTC2055IDD
LTC2055HVIDD
LTC2055HDD
LTC2055HVHDD
ORDER PART
NUMBER*
MS8 PART
MARKING
LTC2055CMS8
LTC2055HVCMS8
LTC2055IMS8
LTC2055HVIMS8
LTC2055HMS8
LTC2055HVHMS8
*The temperature grade (C, I or H) is indicated on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature
ranges.
TJMAX = 150°C, θJA = 250°C/W
ORDER PART
NUMBER*
S5 PART
MARKING
LTC2054CS5
LTC2054HVCS5
LTC2054IS5
LTC2054HVIS5
LTC2054HS5
LTC2054HVHS5
LTAGB
LTAGD
LTAGB
LTAGD
LTAGB
LTAGD
(LTC2054/LTC2055, LTC2054HV/LTC2055HV) The
denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 5V
unless otherwise noted. (Note 3)
ELECTRICAL CHARACTERISTICS
LTC2054C/LTC2055C
LTC2054I/LTC2055I
LTC2054H/LTC2055H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IS
Supply Current (LTC2054)
No Load, VS = 3V
140
175
140
180
µA
No Load, VS = 5V
150
175
150
180
µA
IS
Supply Current Per Amplifier
No Load, VS = 3V
130
150
130
155
µA
(LTC2055)
No Load, VS = 5V
135
150
135
155
µA
VOS
Input Offset Voltage
(Note 2)
±0.5
±3
±0.5
±3
µV
∆VOS/∆T
Average Input Offset Drift
(Note 2)
0.02
±0.03
0.02
±0.05
µV/°C
Long-Term Offset Drift
50
50
nV/√mo
IB
Input Bias Current (Note 4)
VS = 3V
±1
±1pA
VS = 3V
±150
±3000
pA
VS = 5V
±1
±1pA
VS = 5V
±150
±3000
pA
LBCW
LBCX
LBCW
LBCX
LBCW
LBCX
LTBCR
LTBCT
LTBCR
LTBCT
LTBCR
LTBCT


Similar Part No. - LTC2055IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LTC2055 LINER-LTC2055 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2055IDD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com