Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2203UK Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2203UK
Description  16-Bit, 25Msps/10Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2203UK Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2203UK Datasheet HTML 7Page - Linear Technology LTC2203UK Datasheet HTML 8Page - Linear Technology LTC2203UK Datasheet HTML 9Page - Linear Technology LTC2203UK Datasheet HTML 10Page - Linear Technology LTC2203UK Datasheet HTML 11Page - Linear Technology LTC2203UK Datasheet HTML 12Page - Linear Technology LTC2203UK Datasheet HTML 13Page - Linear Technology LTC2203UK Datasheet HTML 14Page - Linear Technology LTC2203UK Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC2203/LTC2202
11
22032fb
LTC2203: Normalized Full
Scale vs Temperature, Internal
Reference, 5 Units
LTC2203: Offset Voltage vs
Temperature, 5 Units
LTC2203: SFDR vs Input Common
Mode Voltage, fIN = 5MHz,
–1dBFS, PGA = 0
LTC2202: Integral Nonlinearity
(INL) vs Output Code
LTC2202: Differential Nonlinearity
(DNL) vs Output Code
LTC2202: AC Grounded Input
Histogram (256K Samples)
LTC2202: 128K Point FFT,
fIN = 5.1MHz, –1dBFS, PGA = 0
LTC2202: 128K Point FFT,
fIN = 5.1MHz, –10dBFS, PGA = 0
LTC2202: 128K Point FFT,
fIN = 5.1MHz, –20dBFS, PGA = 0,
Internal Dither “Off”
TEMPERATURE (
°C)
–40
0.99
0.995
1
1.005
1.01
–20
0
20
40
22023 G37
60
80
TEMPERATURE (˚C)
–40
2
4
6
20
60
22023 G38
0
–2
–20
0
40
80
–4
–6
INPUT COMMON MODE VOLTAGE (V)
0.5
60
70
80
90
0.75
1
1.25
1.50
22023 G39
1.75
100
110
65
75
85
95
105
2
CODE
0
0
0.5
1.0
65536
22023 G40
–0.5
–1.0
–2.0
16384
32768
49152
–1.5
2.0
1.5
CODE
0
1.0
0.8
0.4
0.2
0
1.0
0.4
16384
32768
22023 G41
0.6
0.6
0.8
0.2
49152
65536
OUTPUT CODE
32793
40000
35000
30000
25000
15000
5000
45000
50000
32797
22023 G42
20000
10000
0
32801
32805
32809
FREQUENCY (MHz)
0
–140
–120
–100
–80
0
–40
1
3
4
–20
–60
–130
–110
–90
–10
–50
–30
–70
2
5
22023 G43
FREQUENCY (MHz)
0
–140
–120
–100
–80
0
–40
1
3
4
–20
–60
–130
–110
–90
–10
–50
–30
–70
2
5
22023 G44
FREQUENCY (MHz)
0
–140
–120
–100
–80
0
–40
1
3
4
–20
–60
–130
–110
–90
–10
–50
–30
–70
2
5
22023 G45
TYPICAL PERFOR
CE CHARACTERISTICS
A


Similar Part No. - LTC2203UK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2203 LINER-LTC2203 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2203 LINER-LTC2203 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2203 LINER-LTC2203 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2203 LINER-LTC2203_15 Datasheet
1Mb / 32P
   16-Bit, 25Msps/10Msps ADCs
More results

Similar Description - LTC2203UK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2202 LINER-LTC2202_15 Datasheet
1Mb / 32P
   16-Bit, 25Msps/10Msps ADCs
LTC2203 LINER-LTC2203_15 Datasheet
1Mb / 32P
   16-Bit, 25Msps/10Msps ADCs
LTC2161 LINER-LTC2161_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2162 LINER-LTC2162_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2160 LINER-LTC2160_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2191 LINER-LTC2191_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2190 LINER-LTC2190_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2181 LINER-LTC2181_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2180 LINER-LTC2180_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2192 LINER-LTC2192 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com