Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOB965660 Datasheet(PDF) 7 Page - celduc-relais

Part # SOB965660
Description  Double Power Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SOB965660 Datasheet(HTML) 7 Page - celduc-relais

  SOB965660 Datasheet HTML 1Page - celduc-relais SOB965660 Datasheet HTML 2Page - celduc-relais SOB965660 Datasheet HTML 3Page - celduc-relais SOB965660 Datasheet HTML 4Page - celduc-relais SOB965660 Datasheet HTML 5Page - celduc-relais SOB965660 Datasheet HTML 6Page - celduc-relais SOB965660 Datasheet HTML 7Page - celduc-relais SOB965660 Datasheet HTML 8Page - celduc-relais SOB965660 Datasheet HTML 9Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
page 7 / 9F/GB
S/MON/SOB965660/A/22/01/2006
okpac
Raccordement de commande par connecteur débrochable /
Control connections by pluggable connector
celduc
Différentes possibilités de connecteurs et de sortie/ Different possibilities of connectors and outputs
Solution
ressort
Spring solutions
180
°
270
°
90
°
Put and remove a wire
5
6
7
8
Spring solutionswith no tool
5
6
7
8
no tool
Ref : 1Y041817
Weidmuller:
BLZF5,08/4/180 SW
1707710000
Ref : 1Y042716
Weidmuller:
BLZF5,08/4/270 SW
1672190000
Ref : 1Y040916
Weidmuller:
BLZF5,08/4/90 SW
1671040000
Ref : 1Y044604
RIA:
ASO04604.02
Wire diameter =
0,3-1,3mm
28-16 AWG
Wire strip
length = 4mm
Single wire =
0,15...2,5mm2
26-12AWG
Wire strip
length = 10mm
Single wire =
0,15...2,5mm2
26-12AWG
Wire strip
length = 10mm
Single wire =
0,15...2,5mm2
26-12AWG
Wire strip
length = 10mm


Similar Part No. - SOB965660

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOB965160 CELDUC-SOB965160 Datasheet
975Kb / 9P
   Dual Power Solid State Relay
More results

Similar Description - SOB965660

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOB765670 CELDUC-SOB765670 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB942660 CELDUC-SOB942660 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB967660 CELDUC-SOB967660 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB767670 CELDUC-SOB767670 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB963660 CELDUC-SOB963660 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB865660 CELDUC-SOB865660 Datasheet
1Mb / 9P
   Double Power Solid State Relay
SOB665300 CELDUC-SOB665300 Datasheet
987Kb / 6P
   Double Power Solid State Relay
SOB763670 CELDUC-SOB763670 Datasheet
875Kb / 7P
   Double Power Solid State Relay
SCB865300 CELDUC-SCB865300 Datasheet
125Kb / 3P
   Double Solid State Relay
SCB942600 CELDUC-SCB942600 Datasheet
119Kb / 3P
   Double Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com