Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-160-20-7SX-A-E-P-TR Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-160-20-7SX-A-E-P-TR
Description  SMD QUARTZ CRYSTAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-160-20-7SX-A-E-P-TR Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-160-20-7SX-A-E-P-TR Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECX-3SX
SMD QUARTZ CRYSTAL
The wide frequency range SMD quartz crystal is an excellent
choice for surface mount applications. The ruggedized
moulded package is made from the same thermoplastic that
is an industry standard for integrated circuits.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
MIN
TYP
MAX
ECX-3SX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
UNITS
Aging Characteristics (Per Year)
Equivalent Series Resistance/
Mode of Oscillation
Operating Temperature
Storage Temperature
Drive Level
Frequency
FO
Frequency Tolerance
Frequency Stability (ref @ 25°C)
Shunt Capacitance
Load Capacitance
Specify in P/N
-10 ~ +70°C
@ +25°C
Topr
Tstg
@ +25°C ± 3°C
3.57 ~ 3.999 MHz (Fund)
4.00 ~ 5.999 MHz (Fund)
6.00 ~ 9.999 MHz (Fund)
10.00 ~ 35.999 MHz (Fund)
27.00 ~ 70.00 MHz (3rd OT)
70.000
± 30 *
± 50 *
7.0
100
+70
+85
± 5
200
150
100
50
100
3.570
-10
-40
20
MHz
ppm
ppm
pF
pF
µW
°C
°C
ppm
PACKAGE DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-160-20-7SX-TR
Custom Options
Low Profile
Industry Standard Footprint
Extended Temp. Range Option
RoHS Compliant
ECS - Frequency Abbreviation - Load -
Package Type
- Tolerance
-
Stability - Temp Range
-
Packaging
160 = 16.000 MHz
See P/N Guide for
Std Frequencies
20 = 20.0 pF
S = Series
-7SX =
ECX-3SX
-TR =
Tape & Reel
1K/Reel
A = ± 25 ppm
C = ± 10 ppm
D = ±100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
K = ± 10 ppm
L = -10 ~ +70°C
M = -20 ~ +70°C
N = -40 ~ +85°C
P = -40~+105°C


Similar Part No. - ECS-160-20-7SX-A-E-P-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-20-7SX-TR ECS-ECS-160-20-7SX-TR Datasheet
180Kb / 2P
   SMD QUARTZ CRYSTAL
More results

Similar Description - ECS-160-20-7SX-A-E-P-TR

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com