Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM04060 Datasheet(PDF) 2 Page - celduc-relais

Part # SOM04060
Description  MOSFET BASED DC SOLID-STATE RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SOM04060 Datasheet(HTML) 2 Page - celduc-relais

  SOM04060 Datasheet HTML 1Page - celduc-relais SOM04060 Datasheet HTML 2Page - celduc-relais SOM04060 Datasheet HTML 3Page - celduc-relais SOM04060 Datasheet HTML 4Page - celduc-relais SOM04060 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
celduc®
r
e
l
a
i
s
S/CON/SOM04060/A/08/12/05
PRELIMINARY DATA
Page 2/5 UK
CONTROL INPUT CHARACTERISTICS
CHARACTERISTIC
LABEL
VALUE
INFO.
Nom. Control voltage
Ucnom
12-24VDC
Min. Control current
Icmin
35mADC
-100µA/°C
Control voltage range
Uc
3.5 – 32VDC
typical ON=3.3V
Control current consumption
Ic
32 – 35mADC (for control voltage range)
See fig. 5
Releasing control voltage
Ucoffmax
1VDC
typical OFF= 2.6V
Max. reverse control voltage
-Ucmax
32VDC
-Icmax<100µA
Input impedance
Rin
Current limitation
See fig. 5
POWER OUTPUT CHARACTERISTICS
CHARACTERISTIC
LABEL
VALUE
INFO.
Nominal voltage
Uenom
24VDC
Voltage range
Ut
Ue
5-40VDC
Non-repetitive peak voltage
Utp
60V
Overvoltage protection
D1
Transient voltage suppressor
39V (1500W/1ms)
Max reverse voltage drop
(internal diode at OFF state)
-Ut
1.3V
@Ie=80A
@Uc=0
Resistive
Motor
Maximum nominal currents
Ie max
40A
Please contact us
See fig. 7
(limits)
Non-repetitive peak overload
current
Iepeak
320A
See fig. 8
Min. load current
Iemin
5mA
Max. leakage current
Ielk max
3mA
@Utmax @Tjmax
Max. on-state resistance
RDSon
18.2mOhms
@Iemax @Tjmax
Typ. output capacitance
Cout
0.9nF
Junction/case thermal
resistance per power element
Rthjc
1.2K/W
Built-in heatsink thermal
resistance vertically mounted
Rthra
10K/W
@∆Tra=75°C
Heatsink thermal time constant
Tthra
10 minutes
@∆Tra=60°C
Control inputs/power outputs
insulation voltage
Uimp
2.5kV
Inputs/case insulation voltage
Uimp
2.5kV
Outputs/case insulation voltage
Uimp
2.5kV
Isolation resistance
Rio
1GΩ
Isolation capacitance
Cio
<8pF
Maximum junction temperature
Tjmax
175°C
Storage ambient temperature
Tstg
-40->+100°C
Operating ambient temperature
Tamb
-25->+90°C
See fig. 7
Max. case temperature
Tc
100°C
PROTECTION CHARACTERISTICS
Leakage current (Ielk) vs DC voltage (Ut)
Absolute limits
0
0,2
0,4
0,6
0,8
1
0
102030
405060 Ut (V)
Ielk / Ie
Utmax
(=U emax)
Utp
Utp
Uto <
Ie
max)
Ut
Uto
(
.
max
t
×
=
75
0
1
1
×
×
=
T
t
Ie
max)
Ut
Uto
(
W
P
max
)
protection
(
Ielk : Leakage current of the relay
Ie : User load nominal current
Utp : Relay max. non repetitive peak voltage
Utmax : Max. nominal voltage of the relay
Uto : Possible overvoltage above Utmax
Utn = Ue : User DC power supply voltage
t : Overvoltage duration
T: Time between 2 overvoltage


Similar Part No. - SOM04060

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOM040100 CELDUC-SOM040100 Datasheet
369Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM040200 CELDUC-SOM040200 Datasheet
370Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
More results

Similar Description - SOM04060

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOM020200 CELDUC-SOM020200 Datasheet
368Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM020100 CELDUC-SOM020100 Datasheet
368Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM040200 CELDUC-SOM040200 Datasheet
370Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SCM040600 CELDUC-SCM040600 Datasheet
325Kb / 5P
   MOSFET BASED DC SOLID STATE RELAY
SOM02060 CELDUC-SOM02060 Datasheet
368Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM06075 CELDUC-SOM06075 Datasheet
390Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SCM030200 CELDUC-SCM030200 Datasheet
307Kb / 5P
   MOSFET BASED DC SOLID STATE RELAY
SCM015075 CELDUC-SCM015075 Datasheet
352Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM040100 CELDUC-SOM040100 Datasheet
369Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SCM0100200 CELDUC-SCM0100200 Datasheet
245Kb / 5P
   MOSFET BASED DC SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com