Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRAN120-24A Datasheet(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd.

Part # DRAN120-24A
Description  AC - DC DIN RAIL MOUNTABLE 120W INDUSTRIAL CONTROL EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

DRAN120-24A Datasheet(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd.

  DRAN120-24A Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. DRAN120-24A Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. DRAN120-24A Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. DRAN120-24A Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DRAN120 SERIES
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
+ 13.6 VDC
+ 27.2 VDC
+ 54.5 VDC
Single Output Models
115 / 230 VAC
9A
4.4A
2.2A
1)
EFF.
(typ.)
84%
86%
87%
120 WATTS
120 WATTS
120 WATTS
DRAN120-12A*
DRAN120-24A*
DRAN120-48A*
EFF.
(min.)
82%
84%
85%
115 / 230 VAC
115 / 230 VAC
www.chinfa.com
sales@chinfa.com
DRAN 120 - 24 A *
Wattage
12 : 13.6V OUT
24 : 27.2V OUT
48 : 54.5V OUT
SCREW TERMINALS
DC Backup System
Note
1.The suffix "*" is part of the model number, which specifies the product is designed and pre-trim for low-cost DC backup power system with
external Lead-Acid battery, Relay and Fuse.
2.The manufacturer is liable neither for the external components nor the damage to the power supply causing by external components.
3.The total consumption current including loading and battery charging current should not exceed the maximum rated current of power supply.
4.The operation concept of DC backup power system
A. When AC power alive
The "Rdy" is close circuit to active the external Relay . The power supply feeds current into the external loads and
charges through Relay to the external battery as well.
B. When AC power interrupted
The "Rdy" is remain close circuit to maintain the external Relay remain active, the external battery supply
current to the external loads.
C. When Battery power low
The "Rdy" become open circuit and the external Relay become inactive to disconnect the battery from
external loads.
DRAN120 Series For DC Backup System Application
DRAN120 Series For DC Backup System Application
- - ++ Rdy
DRAN120
Series
1
D
1
K
Fuse
+
Rdy
-
Rdy
1
K
Y
R
E
T
T
A
B
D
A
O
L
- - ++ Rdy
DRAN120
Series
1
D
1
K
1
K
Fuse
+
Rdy
-
Rdy
Y
R
E
T
T
A
B
D
A
O
L
2008.03.28
FEATURES
AC - DC DIN RAIL MOUNTABLE
120W
INDUSTRIAL CONTROL EQUIPMENT
COMPACT DESIGN
SIMPLE IN APPLICATION
LOW PRICING
WORKABLE FOR BOTH POWER SUPPLY / DC
BACKUP SYSTEM
INPUT VOLTAGE 115/230VAC AUTO SELECT
SELECTION CHART
FOR DC BACKUP SYSTEM


Similar Part No. - DRAN120-24A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRAN120-24A CHINFA-DRAN120-24A Datasheet
407Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN120-24A** CHINFA-DRAN120-24A* Datasheet
301Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN120-24AL CHINFA-DRAN120-24AL Datasheet
407Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRAN120-24A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WRA120-12 CHINFA-WRA120-12 Datasheet
300Kb / 4P
   3PH AC - DC DIN RAIL MOUNTABLE 120W INDUSTRIAL CONTROL EQUIPMENT
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRA240-24A CHINFA-DRA240-24A Datasheet
437Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
DRA300-24A CHINFA-DRA300-24A Datasheet
443Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 300W INDUSTRIAL CONTROL EQUIPMENT
DRAN30-12A CHINFA-DRAN30-12A Datasheet
350Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 30W INDUSTRIAL CONTROL EQUIPMENT
DRA480-24A CHINFA-DRA480-24A Datasheet
451Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 480W INDUSTRIAL CONTROL EQUIPMENT
AMR5 CHINFA-AMR5 Datasheet
230Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN30 CHINFA-DRAN30 Datasheet
564Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA05 CHINFA-DRA05_11 Datasheet
555Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com