Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRAN60-48A Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # DRAN60-48A
Description  AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

DRAN60-48A Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  DRAN60-48A Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. DRAN60-48A Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. DRAN60-48A Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. DRAN60-48A Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
sales@chinfa.com
DRAN60 SERIES
IND. CONT. EQ.
MECHANISM & PIN CONFIGURATION
mm [inch]
CONSTRUCTION
Easy snap-on mounting onto the DIN-Rail
(TS35/7.5 or TS35/15), unit sits safely and
firmly on the rail; no tools required even to remove
INSTALLATION
Ventilation / Cooling
Normal convection
All sides 25mm free space
For cooling recommended
Connector size range
2
Solid:0.2-2.0mm (AWG24-14)
(use copper conductors only)
6
8
5
40.5 [1.59]
115 [4.53]
93.8 [3.75]
7
1
2
3
4
DC ON
Vout ADJ.
N L
- - ++Rdy
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
UL / cUL
UL508 Listed
UL1310 Class 2 power supply (12V w/o class 2), UL60950-1 Recognized
EN61000-3-2, EN61000-3-3
EN61000-6-2, EN55024, EN61000-4-2, EN61000-4-3, EN61000-4-4, EN61000-4-5,
EN60950-1
CE
TUV
EN61000-6-3, EN55022 Class B
EN61000-4-6, EN61000-4-8, EN61000-4-11
APPROVALS AND STANDARDS
Characteristics
Conditions
min.
typ.
max.
unit
Rated over load protection
Over voltage protection
Vi nom
Vi nom, Io nom
%
105
125
16.5
15
33
30
66
60
12V model
24V model
48V model
VDC
VDC
VDC
Fold forward
Output short circuit
Vi nom, Io nom
CONTROL AND PROTECTION
2008.03.28
FOR DC BACKUP SYSTEM


Similar Part No. - DRAN60-48A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRAN60-48A** CHINFA-DRAN60-48A* Datasheet
294Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRAN60-48A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
DRA240-24A CHINFA-DRA240-24A Datasheet
437Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
DRA300-24A CHINFA-DRA300-24A Datasheet
443Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 300W INDUSTRIAL CONTROL EQUIPMENT
DRAN30-12A CHINFA-DRAN30-12A Datasheet
350Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 30W INDUSTRIAL CONTROL EQUIPMENT
DRA480-24A CHINFA-DRA480-24A Datasheet
451Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 480W INDUSTRIAL CONTROL EQUIPMENT
DRAN120-12A CHINFA-DRAN120-12A Datasheet
496Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 120W INDUSTRIAL CONTROL EQUIPMENT
AMR5 CHINFA-AMR5 Datasheet
230Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN30 CHINFA-DRAN30 Datasheet
564Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA05 CHINFA-DRA05_11 Datasheet
555Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
BS-DRA240 CHINFA-BS-DRA240 Datasheet
266Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com