Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA05-24A Datasheet(PDF) 2 Page - Chinfa Electronics Ind. Co., Ltd.

Part # DRA05-24A
Description  AC - DC DIN RAIL MOUNTABLE 5W CLASS 2 POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

DRA05-24A Datasheet(HTML) 2 Page - Chinfa Electronics Ind. Co., Ltd.

  DRA05-24A Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. DRA05-24A Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. DRA05-24A Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. DRA05-24A Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. DRA05-24A Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. DRA05-24A Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DRA05 SERIES
IND. CONT. EQ.
CIRCUIT SCHEMATIC
Block diagram for DRA05 series
Vo -
Vo +
L
N
Fuse
Control
Switching
Device
Line
Filter
Inrush Current
Limiter and
Rectifier
Rectifier
Current
Detection
Opto -
Isolation
Opto -
Isolation
Output Level
Detection
Reference &
Error Amp.
Over Voltage
Detection
Y
Vout
ADJ.
DC ON
(Green LED)
DC LOW
(Red LED)
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Characteristics
Conditions
min.
unit
Output voltage accuracy
Vi nom, Io min ...Io nom
typ.
max.
1
%
%
Minimum load
Line regulation
Vi nom
0
%
%
%
Load regulation
Temperature coefficient
Ripple & noise
Transient recovery time
2
1
%
300
S
o
% / C
0.02
mV
50
Io nom, Vi min ...Vi max
Io nom
Vi nom, Io nom,BW = 20MHz
Vi = 115VAC
Vi nom, Io nom
Up to 72%, See model list
OUTPUT SPECIFICATIONS
Efficiency
Hold up time
Voltage trim range
DC ON indicator
threshold at start up
DC LOW indicator
threshold after start up
Vi nom, Io min ...Io nom
50% load, step changed
Vi nom, Io min
Vi nom, Io nom
Vi nom, Io nom
Vi nom, Io nom, Po / Pi
Vi = 230VAC
5V ...15V models
24V model
24V model
15V model
12V model
5V model
24V model
15V model
12V model
5V model
30
130
- 10
- 10
4.5
10.8
13.5
21.6
3.75
9
11.25
18
+ 15
+ 20
4.5
10.8
13.5
21.6
VDC
VDC
VDC
VDC
VDC
VDC
VDC
VDC
%
%
ms
ms
Characteristics
Conditions
min.
typ.
max.
unit
Rated over load protection
Over voltage protection
Vi nom
Vi nom, Io nom
Input fuse
Output short circuit
Vi nom, Io nom
CONTROL AND PROTECTION
110
125
135
145
%
%
T2A / 250VAC internal
Hiccup mode
sales@chinfa.com
www.chinfa.com
CE
UL / cUL
TUV
UL508 Listed
UL60950-1, UL1310 Class 2 Power Supply Recognized
EN60950-1
EN61000-6-3 / EN55022 Class B, EN61000-3-2 , EN61000-3-3
EN61000-6-2 / EN55024 / EN61204-3
APPROVALS AND STANDARDS
2008.01.28


Similar Part No. - DRA05-24A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA05-24A CHINFA-DRA05-24A Datasheet
365Kb / 5P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRA05-24A

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA18-05 CHINFA-DRA18-05 Datasheet
408Kb / 6P
   AC - DC DIN RAIL MOUNTABLE 18W CLASS 2 POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA10-05 CHINFA-DRA10-05 Datasheet
403Kb / 6P
   AC - DC DIN RAIL MOUNTABLE 10W CLASS 2 POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
AMR5 CHINFA-AMR5 Datasheet
230Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN30 CHINFA-DRAN30 Datasheet
564Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA05 CHINFA-DRA05_11 Datasheet
555Kb / 8P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
BS-DRA240 CHINFA-BS-DRA240 Datasheet
266Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
BS-DRAN120 CHINFA-BS-DRAN120 Datasheet
301Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120 CHINFA-DRE120 Datasheet
472Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
BS-DRAN30 CHINFA-BS-DRAN30 Datasheet
294Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRA05 CHINFA-DRA05_15 Datasheet
365Kb / 5P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com