Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B393 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # B393
Description  Silicon Bridge Rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

B393 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  B393 Datasheet HTML 1Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edal
SERIES B393
Silicon Bridge Rectifier
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX
A
0.551
0.590
14.0
15.0
B
0.50
12.7
C
0.028
0.035
0.71
0.89
D
0.14
0.16
3.60
4.10
E
0.236
0.276
6.0
7.0
F
0.085
0.105
2.16
2.67
G
0.63
0.71
16.0
18.0
ELECTRICAL RATINGS
FOR SINGLE PHASE BRIDGE CIRCUIT
MAXIMUM ALLOWABLE DC OUTPUT CURRENT:
AT 55o C AMBIENT TEMPERATURE
3.0 AMPS
AT 100oC AMBIENT TEMPERATURE
2.0 AMPS
MAXIMUM SINGLE CYCLE SURGE
CURRENT (IFSM)
60 AMPS
MAXIMUM FULL LOAD FORWARD VOLTAGE
DROP @ 1.0 AMP (PER SECTION)
1.0 VOLTS
MAXIMUM REVERSE CURRENT @
25o C FULL CYCLE AVERAGE PER SECTION
10 uA
100o C FULL CYCLE AVERAGE PER SECTION
.5 mA
PART NUMBER
PIV
B393-5-1
50
B393-10-1
100
B393-20-1
200
B393-40-1
400
B393-60-1
600
B393-80-1
800
B393-100-1
1000
B393-120-1
1200
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@ edal.com
Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


Similar Part No. - B393

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39301-B3553-U310 EPCOS-B39301-B3553-U310 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter
B39301-B3867-H510 EPCOS-B39301-B3867-H510 Datasheet
63Kb / 6P
   300,0 MHz Low-Loss Filter
B39301B5105U310 EPCOS-B39301B5105U310 Datasheet
103Kb / 8P
   SAW IF filter
B39307-X7001-L100 EPCOS-B39307-X7001-L100 Datasheet
64Kb / 6P
   SAW Components IF Bandpass Filter
B39311-B3577-U310 EPCOS-B39311-B3577-U310 Datasheet
75Kb / 6P
   SAW Components Low-loss Filter 311,06 MHz
More results

Similar Description - B393

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com