Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD05-05S0 Datasheet(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

Part # FDD05-05S0
Description  DC - DC CONVERTER 5 ~ 6W 5V INPUT MODEL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD05-05S0 Datasheet(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD05-05S0 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD05-05S0 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD05-05S0 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. FDD05-05S0 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
FDD05 SERIES
5V INPUT MODEL
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
KHz
1,500
VDC
M
100
-25
+ 71
oC
oC
Storage temperature
Non operational
-40
oC
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
No load input current
Input voltage w/o damage
Ta min ...Ta max, Io nom
Vi nom, Io = 0
Io nom
4.5
5
5.5
VDC
mA
7
VDC
Characteristics
Conditions
min.
unit
Output voltage accuracy
Minimum load
Line regulation
Load regulation
Transient recovery time
Vi nom, Io nom
Vi nom
single output models
dual output models (each output)
Io nom, Vi min ...Vi max
Vi nom, Io 0 ...Io nom, for single output models
Vi nom, Io min ...Io nom, for dual output models
Vi nom, Io nom ... 1/2 Io nom
typ.
max.
0
20
%
%
%
%
2
1
2
5
%
0.02
o
% / C
mV
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
CONTROL AND PROTECTION
Startup voltage
Io nom
15
4
VDC
Input filter
Pi type
INPUT SPECIFICATIONS
OUTPUT SPECIFICATIONS
Efficiency
Up to 81%, See model list
Temperature coefficient
Ripple & noise
Vi nom, Io nom, BW = 20MHz
Vi nom, Io nom, Po / Pi
Vi nom, Io nom
500
100
S
Derating
Vi nom
o
% / C
See derating curve
+100
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
200
+100
%
sales@chinfa.com
Dimension
L50.8 x W50.8 x H11.9
Cooling
Free air convection
mm
Case material
Metal
GENERAL
2007.08.30


Similar Part No. - FDD05-05S0

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
FDD05-05S0 CHINFA-FDD05-05S0 Datasheet
193Kb / 4P
   DC - DC CONVERTER 5~6W 5V INPUT MODEL
FDD05-05S0 CHINFA-FDD05-05S0 Datasheet
166Kb / 4P
   DC - AC CONCERTER 5~6W 5V INPUT MODEL
More results

Similar Description - FDD05-05S0

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
FDD05 CHINFA-FDD05_10 Datasheet
193Kb / 4P
   DC - DC CONVERTER 5~6W 5V INPUT MODEL
FDD05A CHINFA-FDD05A_14 Datasheet
166Kb / 4P
   DC - AC CONCERTER 5~6W 5V INPUT MODEL
logo
List of Unclassifed Man...
FDD05 ETC1-FDD05 Datasheet
147Kb / 4P
   DC-DC CONVERTER 5 ~ 6W
RDD05 ETC1-RDD05 Datasheet
158Kb / 4P
   DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
   DC-DC CONVERTER 6W
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
   DC-DC CONVERTER 6W
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com