Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5401 Datasheet(PDF) 2 Page - Edal Industries, Inc.

Part # 1N5401
Description  SILICON GENERAL PURPOSE 3.0 AMP DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

1N5401 Datasheet(HTML) 2 Page - Edal Industries, Inc.

  1N5401 Datasheet HTML 1Page - Edal Industries, Inc. 1N5401 Datasheet HTML 2Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1N5401

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5401 MOTOROLA-1N5401 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Rugao Dachang Electroni...
1N5401 DACHANG-1N5401 Datasheet
122Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
logo
Taiwan Semiconductor Co...
1N5401 TSC-1N5401 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
PACELEADER INDUSTRIAL
1N5401 PACELEADER-1N5401 Datasheet
487Kb / 2P
   3.0AMP GENERAL PURPOSE SILICON RECTIFIER - 50V-1000V
logo
Bytes
1N5401 BYTES-1N5401 Datasheet
151Kb / 2P
   3.0 AMP SILICON RECTIFIERS
More results

Similar Description - 1N5401

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP600 DEC-GP600 Datasheet
400Kb / 2P
   6 AMP GENERAL PURPOSE SILICON DIODES
logo
Edal Industries, Inc.
BA5A5 EDAL-BA5A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 1.0 AMP DIODES
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391 Datasheet
277Kb / 2P
   1.5 AMP GENERAL PURPOSE SILICON DIODES
1N5400 DEC-1N5400 Datasheet
291Kb / 2P
   3 AMP GENERAL PURPOSE SILICON DIODES
logo
Edal Industries, Inc.
B8A5 EDAL-B8A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 2.0 AMP DIODES
M5A5 EDAL-M5A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 5.0 AMP DIODES
M7A5 EDAL-M7A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 6.0 AMP DIODES
logo
DIOTEC Electronics Corp...
1N4001 DEC-1N4001 Datasheet
323Kb / 2P
   1 AMP GENERAL PURPOSE SILICON DIODES
logo
Edal Industries, Inc.
MR4A5 EDAL-MR4A5 Datasheet
1Mb / 2P
   SILICON FAST RECOVERY 3.0 AMP DIODES
logo
Compensated Deuices Inc...
1N5194UR CDI-DIODE-1N5194UR Datasheet
33Kb / 2P
   GENERAL PURPOSE SILICON DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com